Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS98100 Fiches technique(PDF) 8 Page - Cirrus Logic

No de pièce CS98100
Description  DVD PROCESSOR FOR LOW COST DVD PLAYERS
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS98100 Fiches technique(HTML) 8 Page - Cirrus Logic

Back Button CS98100 Datasheet HTML 4Page - Cirrus Logic CS98100 Datasheet HTML 5Page - Cirrus Logic CS98100 Datasheet HTML 6Page - Cirrus Logic CS98100 Datasheet HTML 7Page - Cirrus Logic CS98100 Datasheet HTML 8Page - Cirrus Logic CS98100 Datasheet HTML 9Page - Cirrus Logic CS98100 Datasheet HTML 10Page - Cirrus Logic CS98100 Datasheet HTML 11Page - Cirrus Logic CS98100 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
CS98100
8
1.2.2
SDRAM Interface
The CS98100 interfaces with either SDRAM or SGRAM, for high data bandwidth transfer. Figure 5 and
Table 2 show the interface pin timing. Figure 2 shows the refresh cycle performed by the CS98100.
Figure 3 shows a burst read (length = 8) transaction, while Figure 4 shows a burst write (length=8) trans-
action. In both Figure 3 and Figure 4, CAS latency is programmed to 3.
Symbol
Description
Min
Typ
Max
Unit
tmco
Output Delay from DR_CKO active edge
9
ns
tmper
DR_CKO Period
11
12.2
ns
tmdow
DR_D[31:0] delay from DR_CKO
9.1
ns
tmhw
DR_D[31:0] valid time after DR_CKO
1.5
ns
tmsur1
1.Delay is programmable by selecting the DRAM_Input_Speed bit of the Command Register(0x000)
DR_D[31:0] setup to DR_CKO
3.9
ns
tmsurd1
DR_D[31:0] setup to DR_CKO with delay
4.3
ns
tmhr1
DR_D[31:0] hold time after DR_CKO
1.85
ns
tmhrd1
DR_D[31:0] hold time after DR_CKO with
delay
1.3
ns
Table 2. SDRAM Interface Characteristics
DR_CKO
DR_A[11:0]
DR_BS_N
DR_RAS_N
DR_CAS_N
DR_WE_N
DR_D[31:0]
DR_DQM_[3:0]
DR_AP
Figure 2. SDRAM Refresh Transaction


Numéro de pièce similaire - CS98100

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS98000 CIRRUS-CS98000 Datasheet
420Kb / 46P
   DVD On-a-Chip Solution
CS98000-CM CIRRUS-CS98000-CM Datasheet
420Kb / 46P
   DVD On-a-Chip Solution
logo
List of Unclassifed Man...
CS9803 ETC2-CS9803 Datasheet
192Kb / 2P
   Infrared Induction Control IC
logo
Silvan Chip Electronics...
CS9803 SILVAN-CS9803 Datasheet
170Kb / 3P
   PIR CONTROLLER
logo
List of Unclassifed Man...
CS9803GP ETC-CS9803GP Datasheet
131Kb / 3P
   CS9803GP
More results

Description similaire - CS98100

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS98200 CIRRUS-CS98200 Datasheet
1Mb / 60P
   New Highly-Integrated Processor for Tommorrow DVD Players and DVD Receivers
logo
Nippon Precision Circui...
SM8703CV NPC-SM8703CV Datasheet
98Kb / 12P
   Clock Generator for DVD Players
logo
Rohm
BA5956FM ROHM-BA5956FM Datasheet
335Kb / 7P
   Power Driver For DVD Players
BA5956FM ROHM-BA5956FM_1 Datasheet
147Kb / 6P
   Power Driver For DVD Players
logo
Nippon Precision Circui...
SM8706A NPC-SM8706A Datasheet
100Kb / 8P
   Clock Generator for DVD Players
logo
Panasonic Semiconductor
MN2DS0003 PANASONIC-MN2DS0003 Datasheet
91Kb / 4P
   Single-chip LSI for DVD players
logo
Rohm
BD8201FM ROHM-BD8201FM Datasheet
512Kb / 6P
   Power Driver For CD/DVD Players
logo
Minilogic Device Corpor...
ML58C88 MINILOGIC-ML58C88 Datasheet
453Kb / 10P
   CMOS BTL Drivers for DVD players
logo
Rohm
BA5815FM ROHM-BA5815FM Datasheet
228Kb / 2P
   5-channel driver for CD/DVD players
BD3824FS ROHM-BD3824FS Datasheet
71Kb / 3P
   Sound processor for DVD player
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com