Moteur de recherche de fiches techniques de composants électroniques |
|
LM308AJ-8 Fiches technique(PDF) 6 Page - National Semiconductor (TI) |
|
|
LM308AJ-8 Fiches technique(HTML) 6 Page - National Semiconductor (TI) |
6 / 8 page Connection Diagrams Metal Can Package TLH7759 – 7 Pin 4 is connected to the case Unused pin (no internal connection) to allow for input anti-leakage guard ring on printed circuit board layout Order Number LM108AH LM208AH or LM208AH See NS Package Number H08C Dual-In-Line Package TLH7759 – 8 Top View Order Number LM108AJ-8 LM208AJ-8 LM308AJ-8 LM308AM or LM308AN See NS Package Number J08A M08A or N08E Physical Dimensions inches (millimeters) Metal Can Package (H) Order Number LM108AH LM208AH or LM308AH NS Package Number H08C 6 |
Numéro de pièce similaire - LM308AJ-8 |
|
Description similaire - LM308AJ-8 |