Moteur de recherche de fiches techniques de composants électroniques |
|
CD74HCT73 Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
CD74HCT73 Fiches technique(HTML) 8 Page - Texas Instruments |
8 / 13 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) 5962-8515301CA ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC CD54HC73F ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC CD54HC73F3A ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC CD74HC73E ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC CD74HC73EE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC CD74HC73M ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74HC73M96 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74HC73M96E4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74HC73ME4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74HC73MT ACTIVE SOIC D 14 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74HC73MTE4 ACTIVE SOIC D 14 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74HCT73E ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC CD74HCT73EE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC CD74HCT73M ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM CD74HCT73ME4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS) or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material) (3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature. Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited PACKAGE OPTION ADDENDUM www.ti.com 26-Sep-2005 Addendum-Page 1 |
Numéro de pièce similaire - CD74HCT73 |
|
Description similaire - CD74HCT73 |