Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U1731C Fiches technique(PDF) 7 Page - Agilent(Hewlett-Packard)

No de pièce U1731C
Description  Take your expectations higher with the latest LCR meters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1731C Fiches technique(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button U1731C Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1731C Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1731C Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1731C Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1731C Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1731C Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1731C Datasheet HTML 9Page - Agilent(Hewlett-Packard) U1731C Datasheet HTML 10Page - Agilent(Hewlett-Packard) U1731C Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
6
U1731C/U1732C/U1733C Electrical Specifications
Test Signal
Model
Selection
Test signal level
Test frequency
Level
Accuracy
Frequency
Accuracy
U1731C/U1732C/U1733C
100 Hz
0.74 Vrms
0.05 Vrms
100 Hz
0.01%
120 Hz
0.74 Vrms
0.05 Vrms
120.481 Hz
0.01%
1 kHz
0.74 Vrms
0.05 Vrms
1 kHz
0.01%
U1732C/1733C
10 kHz
0.70 Vrms
0.05 Vrms
10 kHz
0.01%
U1733C
100 kHz
0.70 Vrms
0.05 Vrms
100 kHz
0.01%
DCR
+1.235 V
0.05 V
NA
NA
Source Impedance of Impedance/Resistance Measurement
Range
Typical source impedance
U1731C/U1732C/U1733C
U1732C/U1733C
U1733C
100 Hz
120 Hz
1 kHz
10 kHz
100 kHz
DCR
2 Ω
100 Ω
100 Ω
100 Ω
100 Ω
100 Ω
100 Ω
20 Ω
100 Ω
100 Ω
100 Ω
100 Ω
100 Ω
100 Ω
200 Ω
100 Ω
100 Ω
100 Ω
100 Ω
100 Ω
100 Ω
2000 Ω
1 kΩ
1 kΩ
1 kΩ
1 kΩ
1 kΩ
1 kΩ
20 kΩ
10 kΩ
10 kΩ
10 kΩ
10 kΩ
1 kΩ
10 kΩ
200 kΩ
100 kΩ
100 kΩ
100 kΩ
10 kΩ
1 kΩ
100 kΩ
2000 kΩ
100 kΩ
100 kΩ
100 kΩ
10 kΩ
NA
100 kΩ
20 MΩ
100 kΩ
100 kΩ
100 kΩ
100 kΩ
NA
100 kΩ
200 MΩ
100 kΩ
100 kΩ
100 kΩ
NA
NA
100 kΩ
Source Impedance of Capacitance Measurement
Range
Typical source impedance
U1731C/U1732C/U1733C
U1732C/U1733C
U1733C
100 Hz
120 Hz
1 kHz
10 kHz
100 kHz
20 mF
100 Ω
100 Ω
NA
NA
NA
2000 μF
100 Ω
100 Ω
100 Ω
NA
NA
200 μF
100 Ω
100 Ω
100 Ω
100 Ω
NA
20 μF
100 Ω
100 Ω
100 Ω
100 Ω
100 Ω
2000 nF
1 kΩ
1 kΩ
100 Ω
100 Ω
100 Ω
200 nF
10 kΩ
10 kΩ
1 kΩ
100 Ω
100 Ω
20 nF
100 kΩ
100 kΩ
10 kΩ
1 kΩ
100 Ω
2000 pF
100 kΩ
100 kΩ
100 kΩ
10 kΩ
1 kΩ
200 pF
NA
NA
100 kΩ
10 kΩ
1 kΩ
20 pF
NA
NA
NA
100 kΩ
1 kΩ


Numéro de pièce similaire - U1731C

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
U1731C KEYSIGHT-U1731C Datasheet
2Mb / 11P
   Keysight Technologies U1730C Series Handheld LCR Meters
U1731C KEYSIGHT-U1731C Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Description similaire - U1731C

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
U1730C KEYSIGHT-U1730C Datasheet
2Mb / 11P
   Take your expectations higher with the latest LCR meters
logo
Agilent(Hewlett-Packard...
U1730C HP-U1730C Datasheet
502Kb / 11P
   Take your expectations higher with the latest LCR meters
logo
IET Labs Inc.
1920 IET-1920 Datasheet
459Kb / 3P
   Precision LCR Meters
June 2022
logo
Keysight Technologies
U1732C KEYSIGHT-U1732C Datasheet
2Mb / 11P
   Keysight Technologies U1730C Series Handheld LCR Meters
U1731C KEYSIGHT-U1731C Datasheet
2Mb / 11P
   Keysight Technologies U1730C Series Handheld LCR Meters
U1733C KEYSIGHT-U1733C Datasheet
2Mb / 11P
   Keysight Technologies U1730C Series Handheld LCR Meters
logo
B&K Precision Corporati...
878B BK-878B Datasheet
1Mb / 8P
   40,000-Count Dual-Display Handheld LCR Meters
logo
Microchip Technology
AN939 MICROCHIP-AN939 Datasheet
432Kb / 18P
   Designing Energy Meters with the PIC16F873A
2005
logo
Keysight Technologies
B1542A KEYSIGHT-B1542A Datasheet
405Kb / 2P
   Renew Your B1500A/B1505A Device Analyzer Mainframe for the Latest Windows and PC Configuration
logo
Nippon Precision Circui...
APMA160ARA560MF35S NPC-APMA160ARA560MF35S Datasheet
588Kb / 3P
   Low profile and higher capacitance with the new structure.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com