Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U1161A Fiches technique(PDF) 2 Page - Agilent(Hewlett-Packard)

No de pièce U1161A
Description  Agilent U1250 Series Handheld Digital Multimeters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1161A Fiches technique(HTML) 2 Page - Agilent(Hewlett-Packard)

  U1161A Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1161A Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1161A Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1161A Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1161A Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1161A Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1161A Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1161A Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1161A Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
[1] U1253A/U1253B only
[2] U1252A/U1252B/U1253A/U1253B only
OLED display with approximately 160° viewing angle, and high contrast ratio of
2000:1 for crystal-clear viewing 1
50,000 count dual display with true-
RMS reading capability
20 MHz frequency
counter 2
Data logging to internal
or external memory
Programmable square-wave
generator for stimulation of
digital circuits 2
CAT III 1000 V and
CAT IV 600 V overvoltage
protection for assurance
of your safety while you
go about your tasks
Built-in battery
charging for optimum
capacity
Broad range of
measurement
functions, including
temperature and
capacitance
SHIFT key and one-stop
function keys for easy
access
Take a closer look
Figure 2: U1253B front view


Numéro de pièce similaire - U1161A

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
U1161A HP-U1161A Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
U1161A HP-U1161A Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
U1161A HP-U1161A Datasheet
1Mb / 11P
   U1600 Series Handheld Digital Oscilloscopes
More results

Description similaire - U1161A

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
U1253B HP-U1253B Datasheet
562Kb / 14P
   Agilent U1250 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1252B KEYSIGHT-U1252B Datasheet
2Mb / 15P
   U1250 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
U1240 HP-U1240 Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com