Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA-2415S2LF Fiches technique(PDF) 4 Page - Bothhand USA, LP.

No de pièce BA-2415S2LF
Description  2 Watt Isolated DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BA-2415S2LF Fiches technique(HTML) 4 Page - Bothhand USA, LP.

  BA-2415S2LF Datasheet HTML 1Page - Bothhand USA, LP. BA-2415S2LF Datasheet HTML 2Page - Bothhand USA, LP. BA-2415S2LF Datasheet HTML 3Page - Bothhand USA, LP. BA-2415S2LF Datasheet HTML 4Page - Bothhand USA, LP. BA-2415S2LF Datasheet HTML 5Page - Bothhand USA, LP. BA-2415S2LF Datasheet HTML 6Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BA-2 LF - Series
2 Watt Isolated DC-DC Converter
7 . Power Derating Curve
Temperature derating graph
8 . Mechanical Dimension
Single Output SIL Package Style
Pin
1K Vdc - Single
1
-Vin
2
+Vin
3
-Vo
4
+Vo
125
100
50
0
-40
0
50
90 105
140
Printed
Face
3.05
(0.12)
Min
0.25
(0.01)
2.54
(0.10)
0.50
(0.02)
0.50
(0.02)
0.50
(0.02)
11.68
(0.46)
9.65
(0.38)
1.25
(0.05)
6.00
(0.24)
10.50
(0.41)
5.00
(0.20)
8.50
(0.33)
1.68
1.86
6.50
(0.38)
BA-0505S2 LF
Pb
Units:mm(inch)
Tolerance:xx±0.25(±0.01)
Bothhand USA
http://www.bothhandusa.com
sales@bothhandusa.com


Numéro de pièce similaire - BA-2415S2LF

FabricantNo de pièceFiches techniqueDescription
logo
Bothhand USA, LP.
BA-2415S2LF BOTHHAND-BA-2415S2LF Datasheet
342Kb / 6P
   2 Watt Isolated DC-DC Converter
More results

Description similaire - BA-2415S2LF

FabricantNo de pièceFiches techniqueDescription
logo
Bothhand USA, LP.
BA-2LF BOTHHAND-BA-2LF Datasheet
342Kb / 6P
   2 Watt Isolated DC-DC Converter
B9LF BOTHHAND-B9LF Datasheet
183Kb / 5P
   2 Watt Isolated DC-DC Converter
BP-LF-SERIES BOTHHAND-BP-LF-SERIES Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
BDLF BOTHHAND-BDLF Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BD-LF-SERIES BOTHHAND-BD-LF-SERIES Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BPLF BOTHHAND-BPLF Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
B3-0505DS BOTHHAND-B3-0505DS Datasheet
375Kb / 5P
   2 Watt Isolated DC-DC Converter Single / Dual Output
BMA1 BOTHHAND-BMA1 Datasheet
420Kb / 4P
   1 Watt Isolated DC-DC Converter
logo
Eaton All Rights Reserv...
EPM6-2V EATON-EPM6-2V Datasheet
716Kb / 6P
   1 Watt isolated DC-DC converter
March 2022
logo
CINCON ELECTRONICS Corp...
CQB75-300S CINCON-CQB75-300S Datasheet
400Kb / 8P
   75 WATT 2:1 INPUT ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com