Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA-1212SLF Fiches technique(PDF) 2 Page - Bothhand USA, LP.

No de pièce BA-1212SLF
Description  0.5~1W Isolated DC/DC Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOTHHAND [Bothhand USA, LP.]
Site Internet  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BA-1212SLF Fiches technique(HTML) 2 Page - Bothhand USA, LP.

  BA-1212SLF Datasheet HTML 1Page - Bothhand USA, LP. BA-1212SLF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BA LF Series
0.5~1W Isolated DC/DC Converter
BOTHHAND
USA
HTTP://www.bothhand
usa.com
Email: Sales@bothhand
usa.com 13
Technical Specification(2/2):
Model No.
Input
Voltage
(Vdc)
Output
Voltage
(Vdc)
Output
Current
(mA) Max
Input Current
@No Load
(mA) Typ.
Input Current
@Max. Load
(mA) Typ.
Output
Ripple
(mV) Max.
Load
Regulation
(%) Max.
Efficiency
(%)Typ.
3) 0.5 W Single Output DIL Package Style
BA-053R3D LF
3.3
150
28
133
50
± 12
74
BA-0505D LF
5
100
28
135
60
± 10
74
BA-0512D LF
5
12
42
28
133
100
± 8
76
BA-1205D LF
5
100
18
56
60
± 8
74
BA-1212D LF
12
12
42
18
55
100
± 8
76
BA-2405D LF
24
5
100
5
29
60
± 8
72
4) 1.0 W Single Output DIL Package Style
BA-053R3D1 LF
3.3
300
30
267
50
± 10
74
BA-0505D1 LF
5
200
30
253
60
± 8
79
BA-0512D1 LF
5
12
100
30
307
100
± 8
78
BA-1205D1 LF
5
200
18
105
60
± 8
79
BA-1212D1 LF
12
12
84
18
105
100
± 8
79
BA-2405D1 LF
24
5
200
5
54
60
± 8
77
5) 1.0 W Dual Output DIL Package Style
BA-0505DD1 LF
± 5
± 100
30
263
60
± 10
76
BA-0512DD1 LF
± 12
± 42
30
253
100
± 8
79
BA-0515DD1 LF
5
± 15
± 34
30
255
120
± 8
80
BA-1205DD1 LF
± 5
± 100
18
104
60
± 8
80
BA-1212DD1 LF
12
± 12
± 42
18
104
100
± 8
80
BA-2405DD1 LF
± 5
± 100
5
55
60
± 8
76
BA-2412DD1 LF
± 12
± 42
4
55
100
± 8
76
BA-2415DD1 LF
24
± 15
± 34
4
55
120
± 8
76
Mechanical Dimensions(2/2):
DIL Package Style
Bottom View
Date Code
BA-0505DD1 LF
Pb
10.50
(0.41)
7.62
(0.30)
7.62
(0.30)
3.05
(0.12)
Min
12.70
(0.50)
2.54
(0.10)
0.50
(0.02)
8.50
(0.33)
5.00
(0.20)
7.62
(0.30)
Printed
Face
Pin
Single
Pin
1
-Vin
No Pin
8
2
-Vo
7
3
No Pin
No Pin
6
4
+Vin
+Vo
5
Pin
Dual
Pin
1
-Vin
-Vo
8
2
Common
7
3
No Pin
No Pin
6
4
+Vin
+Vo
5


Numéro de pièce similaire - BA-1212SLF

FabricantNo de pièceFiches techniqueDescription
logo
Bothhand USA, LP.
BA-1212SLF BOTHHAND-BA-1212SLF Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
More results

Description similaire - BA-1212SLF

FabricantNo de pièceFiches techniqueDescription
logo
Bothhand USA, LP.
BALF BOTHHAND-BALF Datasheet
167Kb / 2P
   0.5~1W Isolated DC/DC Converter
SM1L-LF-SERIES BOTHHAND-SM1L-LF-SERIES Datasheet
187Kb / 2P
   1W Isolated DC/DC Converter
ST1-LF-SERIES BOTHHAND-ST1-LF-SERIES Datasheet
186Kb / 2P
   1W Isolated DC/DC Converter
B1LF BOTHHAND-B1LF Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
ST1L-LF-SERIES BOTHHAND-ST1L-LF-SERIES Datasheet
179Kb / 2P
   1W Isolated DC/DC Converter
SM1-LF-SERIES BOTHHAND-SM1-LF-SERIES Datasheet
178Kb / 2P
   1W Isolated DC/DC Converter
B1-LF-SERIES BOTHHAND-B1-LF-SERIES Datasheet
308Kb / 2P
   1W Isolated DC/DC Converter
logo
Microdc power Technolog...
NTA-X MICRODC-NTA-X Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED DUALOUTPUT SMD DC-DC CONVERTER
logo
Bothhand USA, LP.
SM1LF BOTHHAND-SM1LF Datasheet
178Kb / 2P
   SM1 LF Series 1W Isolated DC/DC Converter
SM1LLF BOTHHAND-SM1LLF Datasheet
187Kb / 2P
   SM1L LF Series 1W Isolated DC/DC Converter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com