Moteur de recherche de fiches techniques de composants électroniques |
|
ACE1502VMX Fiches technique(PDF) 3 Page - Fairchild Semiconductor |
|
ACE1502VMX Fiches technique(HTML) 3 Page - Fairchild Semiconductor |
3 / 33 page 3 www.fairchildsemi.com ACE1502 Product Family Rev. 1.7 2. Electrical Characteristics Absolute Maximum Ratings Ambient Storage Temperature -65 °C to +150 °C Input Voltage -0.3V to VCC + 0.3V Lead Temperature (10s max) +300°C Electrostatic Discharge on all pins 2000V min Operating Conditions Relative Humidity (non-condensing) 95% EEPROM write limits See DC Electrical Characteristics ACE1502 DC Electrical Characteristics, VCC = 1.8 to 3.6V All measurements are valid for ambient operating temperature unless otherwise stated. 3. Icc active current is dependant on the program code. 4. Based on a continuous IDLE looping program. Part Number Operating Voltage Ambient Operating Temperature ACE1502E 1.8 to 3.6V -40°C to +85°C ACE1502V 1.8 to 3.6V -40°C to +125°C Symbol Parameter Conditions MIN TYP MAX Units Icc3 Suppy Current - no data EEPROM write in progress 1.8V 2.2V 2.7V 3.6V 0.4 0.4 0.5 0.6 0.6 0.6 0.7 1.0 mA mA mA mA IccH HALT Mode current 2.7V @ 25°C 2.7V @ -40°C to +85°C 100 400 5000 nA nA 3.6V @ 25°C 3.6V @ -40°C to +85°C 0.25 1000 10 nA µA IccL 4 IDLE Mode current 1.8V 3.6V 210 250 400 µA µA VccW EEPROM write voltage Code EEPROM in Programming Mode 3.0 3.3 3.6 V Data EEPROM in Operating Mode 1.8 3.6 V SVcc Power Supply Slope 1µs/V 10ms/V VIL Input Low with Schmitt Trigger buffer Vcc = 2.2 - 3.6V 0.2Vcc V Vcc < 2.2V 0.15Vcc V VIH Input High with Schmitt Trigger buffer Vcc = 1.8 - 3.6V 0.8Vcc V IIP Input Pull-up Current Vcc = 3.6V, VIN = 0V 30 65 350 µA ITL Tri-State Leakage Vcc = 3.6V 2 200 nA VOL Output Low Voltage: G0, G1, G2, G3, G4, G5, G6, G7 Vcc = 1.8 - 2.7V 2 mA sink 0.2Vcc V Output Low Voltage: G0, G1, G2, G3, G4, G5, G6, G7 Vcc = 3.3 - 3.6V 7.0 mA sink 0.2Vcc V VOH Output High Voltage: G0, G1, G2, G3, G4, G5, G6, G7 Vcc = 2.2 - 2.7V 2 mA source 0.8Vcc V Output High Voltage: G0, G1, G2, G3, G4, G5, G6, G7 Vcc = 3.3 - 3.6V 7 mA source 0.8Vcc V |
Numéro de pièce similaire - ACE1502VMX |
|
Description similaire - ACE1502VMX |