Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U1461A Fiches technique(PDF) 5 Page - Keysight Technologies

No de pièce U1461A
Description  Insulation Resistance Testers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEYSIGHT [Keysight Technologies]
Site Internet  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1461A Fiches technique(HTML) 5 Page - Keysight Technologies

  U1461A Datasheet HTML 1Page - Keysight Technologies U1461A Datasheet HTML 2Page - Keysight Technologies U1461A Datasheet HTML 3Page - Keysight Technologies U1461A Datasheet HTML 4Page - Keysight Technologies U1461A Datasheet HTML 5Page - Keysight Technologies U1461A Datasheet HTML 6Page - Keysight Technologies U1461A Datasheet HTML 7Page - Keysight Technologies U1461A Datasheet HTML 8Page - Keysight Technologies U1461A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
05 | Keysight | U1450A/U1460A Insulation Resistance Testers - Data Sheet
Take a Closer Look
OLED front panel
50 V/100 V/250 V/ 500 V/
1000 V test voltages
Adjustable test voltage
ranges from 10 V to 1.1 kV
(selectable in “Setup” menu)
OLED display with 2000:1
contrast ratio and 160 degree
viewing angle
Non-Contact AC Voltage
Detection (Vsense)
Timed/PI/DAR test
IP 67 certiied – waterproof
and dust proof
CAT III 1000 V/CAT IV 600 V
safety ratings
Test lock button
Earth bond resistance test
Low pass ilter
Auto AC or DC signal
identiication


Numéro de pièce similaire - U1461A

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
U1460A KEYSIGHT-U1460A Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Description similaire - U1461A

FabricantNo de pièceFiches techniqueDescription
logo
Keysight Technologies
U1451A KEYSIGHT-U1451A Datasheet
672Kb / 20P
   Insulation Resistance Testers
U1452A KEYSIGHT-U1452A Datasheet
672Kb / 20P
   Insulation Resistance Testers
U1453A KEYSIGHT-U1453A Datasheet
672Kb / 20P
   Insulation Resistance Testers
logo
DB Lectro Inc
95D DBLECTRO-95D Datasheet
1Mb / 4P
   High Insulation Resistance
90D DBLECTRO-90D Datasheet
778Kb / 2P
   High Insulation Resistance
logo
Toshiba Semiconductor
TLP3214 TOSHIBA-TLP3214 Datasheet
248Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3122 TOSHIBA-TLP3122 Datasheet
149Kb / 6P
   Logic Testers / Memory Testers
TLP3131 TOSHIBA-TLP3131 Datasheet
154Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3114 TOSHIBA-TLP3114_14 Datasheet
191Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3230 TOSHIBA-TLP3230_14 Datasheet
273Kb / 7P
   Measuring Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com