Moteur de recherche de fiches techniques de composants électroniques |
|
TPS3128E15DBVT Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
TPS3128E15DBVT Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 12 page www.ti.com 2.5 1.5 1 0 0 5 10 15 2.75 3 3.3 20 25 30 2.25 2 1.75 1.25 0.75 0.5 0.25 IOL − Low-Level Output Current − mA TPS3125L30 VDD = 3.3 V MR = Open TA = 85°C TA = 25°C TA = −40°C TA = 0°C 0.8 0.6 0.4 0 0 −1 −2 −3 1.2 1.4 1.6 −4 −5 1 0.2 IOH − High-Level Output Current − mA TPS3123J12 VDD = 1.5 V MR = Open TA = 85°C TA = 25°C TA = −40°C TA = 0°C 1.75 1.25 0.5 0 0 −5 −10 −15 2.25 3.4 −20 −25 −30 3 2.75 2.5 2 1.5 1 0.75 0.25 IOH − High-Level Output Current − mA TPS3123J12 VDD = 3.3 V MR = Open TA = 85°C TA = 25°C TA = −40°C TA = 0°C −40 −20 0 20 40 60 80 TA − Free-Air Temperature − °C TPS312xJ12 1.002 1.001 0.999 1.005 1.004 1.003 1 0.998 TPS3123-xx TPS3124-xx, TPS3125-xx TPS3126-xx, TPS3128-xx SLVS227B – AUGUST 1999 – REVISED FEBRUARY 2004 TYPICAL CHARACTERISTICS (continued) LOW-LEVEL OUTPUT VOLTAGE HIGH-LEVEL OUTPUT VOLTAGE vs vs LOW-LEVEL OUTPUT CURRENT HIGH-LEVEL OUTPUT CURRENT Figure 6. Figure 7. HIGH-LEVEL OUTPUT VOLTAGE NORMALIZED INPUT THRESHOLD VOLTAGE vs vs HIGH-LEVEL OUTPUT CURRENT FREE-AIR TEMPERATURE Figure 8. Figure 9. 9 |
Numéro de pièce similaire - TPS3128E15DBVT |
|
Description similaire - TPS3128E15DBVT |