Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3128E18DBVR Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3128E18DBVR
Description  ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS3128E18DBVR Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS3128E18DBVR Datasheet HTML 2Page - Texas Instruments TPS3128E18DBVR Datasheet HTML 3Page - Texas Instruments TPS3128E18DBVR Datasheet HTML 4Page - Texas Instruments TPS3128E18DBVR Datasheet HTML 5Page - Texas Instruments TPS3128E18DBVR Datasheet HTML 6Page - Texas Instruments TPS3128E18DBVR Datasheet HTML 7Page - Texas Instruments TPS3128E18DBVR Datasheet HTML 8Page - Texas Instruments TPS3128E18DBVR Datasheet HTML 9Page - Texas Instruments TPS3128E18DBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.ti.com
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPS3123-xx
TPS3124-xx, TPS3125-xx
TPS3126-xx, TPS3128-xx
SLVS227B – AUGUST 1999 – REVISED FEBRUARY 2004
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
DBV
437 mW
3.5 mW/
°C
280 mW
227 mW
at specified temperature range
MIN
MAX
UNIT
TA = 0°C to 85°C
0.75
3.3
Supply voltage, VDD
V
TA = -40°C to 85°C
0.85
3.3
Manual reset voltage, VDD
0.0
VDD+0.3
V
Watchdog input voltage, VWD1
0
VDD +0.3
V
High-level input voltage, VIH
0.7
×V
DD
V
Low-level input voltage, VIL
0.3
×V
DD
V
Input transition rise and fall rate at WDI,
∆ t/∆V
1
µs/V
Operating free-air temperature range, TA
40
85
°C
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MR pullup resistor (internal)
27
k
WDI
WDI = VDD = 3.3 V
1
1
IIH
High-level input current
µA
MR
MR = 0.7
× V
DD,
VDD = 3.3 V
20
55
WDI
WDI = 0 V,
VDD = 3.3 V
1
1
IIL
Low-level input current
µA
MR
MR = 0 V,
VDD = 3.3 V
80
170
High-level output current
TPS3126-xx,
IOH
VDD = VOH = 3.3 V
200
nA
(leakage into RESET pin)
TPS3128-xx
VDD = 1.5 V,
IOH = -1 mA
RESET
VDD = 3.3 V,
IOH = -4.5 mA
High-level output voltage
VOH
0.8
×V
DD
V
(TPS3123/4/5 only)
VDD = 0.75 V,
IOH = -8 µA
RESET
VDD = 1.5 V,
IOH = -1 mA
VDD = 0.75 V,
IOL = 15 µA
RESET
VDD = 1.5 V,
IOL = 1.4 mA
0.2
× V
DD
VOL
Low-level output voltage
V
VDD = 1.5 V,
IOL = 1.4 mA
RESET
VDD = 3.3 V,
IOL = 3 mA
0.4
TPS312xJ12
1.04
1.08
1.12
TPS312xG15
1.35
1.40
1.45
TPS312xJ18
1.56
1.62
1.68
Negative-going input threshold
VIT-
TPS312xL30
TA = -40°C to 85°C
2.57
2.64
2.71
V
voltage (1)
TPS312xE12
1.10
1.14
1.18
TPS312xE15
1.38
1.43
1.48
TPS312xE18
1.65
1.71
1.77
1 V < VIT- < 1.4 V
15
Vhys
Hysteresis at VDD input
1.4 V < VIT- <2 V
20
mV
2 V < VIT- < 3 V
30
(1)
To ensure best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1 µF) should be placed near the supply terminal.
6


Numéro de pièce similaire - TPS3128E18DBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3128E18DBVR TI1-TPS3128E18DBVR Datasheet
813Kb / 21P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3128E18DBVRG4 TI1-TPS3128E18DBVRG4 Datasheet
813Kb / 21P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
More results

Description similaire - TPS3128E18DBVR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3125L30DBVTG4 TI-TPS3125L30DBVTG4 Datasheet
780Kb / 22P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI-TPS3123-XX_08 Datasheet
409Kb / 19P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI1-TPS3123-XX_16 Datasheet
813Kb / 21P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123J12 TI-TPS3123J12 Datasheet
229Kb / 13P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com