Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC898240 Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce LC898240
Description  High Efficient Stepper Motor Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898240 Fiches technique(HTML) 5 Page - ON Semiconductor

  LC898240 Datasheet HTML 1Page - ON Semiconductor LC898240 Datasheet HTML 2Page - ON Semiconductor LC898240 Datasheet HTML 3Page - ON Semiconductor LC898240 Datasheet HTML 4Page - ON Semiconductor LC898240 Datasheet HTML 5Page - ON Semiconductor LC898240 Datasheet HTML 6Page - ON Semiconductor LC898240 Datasheet HTML 7Page - ON Semiconductor LC898240 Datasheet HTML 8Page - ON Semiconductor LC898240 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LC898240
www.onsemi.com
5
PIN DESCRIPTION
1. HOLD
Hold E2PROM. It must be connected to DVDD1.
For more detail, see the E2PROM datasheet.
2. OE
Output Enable
For IO port control mode:
-
bit OERST = 0: OE acts as an input.
-
bit OERST = 1: OE acts as an output with
respect to the pin ST transparently.
For register control mode:
-
OE outputs the value of the bit OE_REG.
3. RSTO
Driver Reset Output
To force synchronization of the step position with
the driver, the driver reset pulse is output once an
electrical cycle, while the bit RSTAD is set 1.
For IO port control mode:
-
RSTO outputs with respect to the pin RSTI
transparently.
For register control mode:
-
RSTO outputs the value of the bit
RST_REG.
4. FR
Rotation Direction
For IO port control mode:
-
Input
For register control mode:
-
FR outputs the value of the bit FR_REG.
5. STP
Step Pulse Output
6. DVSS
Digital Ground
7. DVDD1
Power Supply for the E2PROM and the Digital
Portion of the Main Chip
8. RSTI
Driver Reset Input for IO Port Control Mode
For register control mode, it is ignored.
9. SO_M and 12. SO_E
E2PROM output. They must be connected on a
board.
10. CSB_M and 11. CSB_E
E2PROM chip select pins. They must be
connected on a board.
13. GAD
High Efficient Current Control Mode
The adaptive motor current control mode is
enabled by GAD = H or the bit GAD_REG = 1.
14. RSB
System Reset Input
LC898240 is reset by RSB = L. After the reset is
released, it will start the E2PROM data download
to the registers.
15. CLK
Clock Input
Frequency range is from 840kHz through 10MHz
16. TSMOD
Test Mode
It must be connected to DVSS or open.
17. VREFI
Reference Voltage Input
It must be connected to AVDD.
18. VREFO
Current Control Reference Voltage Output
19. ADCI
ADC Input
20. AVSS
Ground of the Analog Portion
21. AVDD
Power Supply for the Analog Portion
22. AMPO
Amplifier Output
23. OUTAI and 24. OUTBI
Motor Signal Input
25. WP
Write Protection of E2PROM
26. NC, 32. NC and 35. NC
No Connection
27. INTP1 and 28. INTP0
Interpolation Setting for the Acceleration Curve
For IO port control mode:
-
INTP[1:0] = 0h: not interpolation
-
INTP[1:0] = 1h: interpolate 1 point between
the steps based on E2PROM data
-
INTP[1:0] = 2h: interpolate 3 point between
the steps based on E2PROM data
-
INTP[1:0] = 3h: interpolate 7 point between
the steps based on E2PROM data
For register control mode, it is ignored.


Numéro de pièce similaire - LC898240

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC898240 ONSEMI-LC898240 Datasheet
531Kb / 23P
   Smooth Stepper Motor Controller
December 2015- Rev. P0
More results

Description similaire - LC898240

FabricantNo de pièceFiches techniqueDescription
logo
ELM Electronics
ELM313 ELM-ELM313 Datasheet
32Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM311 ELM-ELM311 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM312 ELM-ELM312 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM310 ELM-ELM310 Datasheet
37Kb / 5P
   STEPPER MOTOR CONTROLLER
logo
LSI Computer Systems
LS8297 LSI-LS8297 Datasheet
216Kb / 8P
   STEPPER MOTOR CONTROLLER
LS7290 LSI-LS7290 Datasheet
430Kb / 9P
   STEPPER MOTOR CONTROLLER
LS8397 LSI-LS8397 Datasheet
229Kb / 8P
   STEPPER MOTOR CONTROLLER
logo
ON Semiconductor
LV8702V ONSEMI-LV8702V Datasheet
399Kb / 27P
   PWM Current Control High-efficient Stepper Motor Driver
December 2014 - Rev. 2
logo
Texas Instruments
DRV8825 TI-DRV8825 Datasheet
634Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824 Datasheet
742Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com