Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1843V Fiches technique(PDF) 9 Page - ON Semiconductor

No de pièce LB1843V
Description  Monolithic Linear IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1843V Fiches technique(HTML) 9 Page - ON Semiconductor

Back Button LB1843V Datasheet HTML 2Page - ON Semiconductor LB1843V Datasheet HTML 3Page - ON Semiconductor LB1843V Datasheet HTML 4Page - ON Semiconductor LB1843V Datasheet HTML 5Page - ON Semiconductor LB1843V Datasheet HTML 6Page - ON Semiconductor LB1843V Datasheet HTML 7Page - ON Semiconductor LB1843V Datasheet HTML 8Page - ON Semiconductor LB1843V Datasheet HTML 9Page - ON Semiconductor LB1843V Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LB1843V
No.4385-9/10
ILB00874
0
4
6
2
8
10
16
14
12
8
610
12
24
7
59
11
13
0
ICC -- VCC
Supply voltage, VCC -- V
ILB00875
IIN -- VIN
Input voltage, VIN -- V
0
80
40
120
160
240
200
9
67
8
10
11
12
34
5
0
VCC=6.0V
VIN=3V
LIR=Vref
Rf=0.5W, no load
Brake
DEL=L
DEL=H
ILB00876
Ilimit -- VLIR
VLIR -- V
0
200
100
300
600
400
500
2.8
2.0
2.4
3.2
4.8
3.6
4.0
4.4
0.4
0.8
1.2
1.6
0
VCC=6.0V
RL=10W
1.0W
ILB00877
Ilimit -- VCC
Supply voltage, VCC -- V
0
200
100
300
400
56
7
11
89
10
12
3
4
0
Ilimit=300mA
200mA
100mA
ILB00878
VO(sat) -- IO
Output current, IO -- mA
0
0.2
0.1
0.3
0.5
0.4
0.6
300
200
400
500
600
700
800
100
0
VCC=6.0V
VIN=3.0V
LIR=Vref
DEL=L
ILB00879
VO(sat) -- Ta
0
0.2
0.1
0.3
0.4
20
0
160
140
40
60
80
100
120
--20
--40
VCC=6.0V
VIN=3.0V
LIR=Vref
DEL=L
IO=400mA
200mA
Bidirectional


Numéro de pièce similaire - LB1843V

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1843V SANYO-LB1843V Datasheet
90Kb / 6P
   Low-saturation, current-controlled bidirectional motor driver
LB1843V SANYO-LB1843V Datasheet
116Kb / 6P
   Low-saturation, current-controlled bidirectional motor driver
LB1843V SANYO-LB1843V Datasheet
102Kb / 6P
   Low-saturation, current-controlled bidirectional motor driver
LB1843V SANYO-LB1843V Datasheet
116Kb / 6P
   Low-saturation, current-controlled bidirectional motor driver
LB1843V-TLM-E SANYO-LB1843V-TLM-E Datasheet
116Kb / 6P
   Low-saturation, current-controlled bidirectional motor driver
More results

Description similaire - LB1843V

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LB1837M ONSEMI-LB1837M Datasheet
325Kb / 6P
   Monolithic Linear IC
November, 2013
logo
Sanyo Semicon Device
LA1357N SANYO-LA1357N Datasheet
77Kb / 1P
   MONOLITHIC LINEAR IC
LA7520N SANYO-LA7520N Datasheet
134Kb / 3P
   Monolithic Linear IC
LA1652C SANYO-LA1652C Datasheet
63Kb / 5P
   Monolithic Linear IC Time Code Reception IC
LA76843N SANYO-LA76843N Datasheet
516Kb / 3P
   Monolithic Linear IC I2C Bus Control IC
LA76850 SANYO-LA76850 Datasheet
284Kb / 31P
   Monolithic Linear IC Black & White Television IC
LA1225MC SANYO-LA1225MC Datasheet
638Kb / 8P
   Monolithic Linear IC FM IF Detector IC
LB1909M SANYO-LB1909M Datasheet
71Kb / 4P
   Monolithic Linear IC Stepping Motor Driver IC
LA2360M SANYO-LA2360M Datasheet
67Kb / 5P
   Monolithic Linear IC CAN Transceiver
LA76835NM SANYO-LA76835NM Datasheet
463Kb / 3P
   Monolithic Linear IC I2C Bus Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com