Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS8190ENF16G Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce CS8190ENF16G
Description  Precision Air-Core Tach/Speedo Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8190ENF16G Fiches technique(HTML) 3 Page - ON Semiconductor

  CS8190ENF16G Datasheet HTML 1Page - ON Semiconductor CS8190ENF16G Datasheet HTML 2Page - ON Semiconductor CS8190ENF16G Datasheet HTML 3Page - ON Semiconductor CS8190ENF16G Datasheet HTML 4Page - ON Semiconductor CS8190ENF16G Datasheet HTML 5Page - ON Semiconductor CS8190ENF16G Datasheet HTML 6Page - ON Semiconductor CS8190ENF16G Datasheet HTML 7Page - ON Semiconductor CS8190ENF16G Datasheet HTML 8Page - ON Semiconductor CS8190ENF16G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CS8190
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (−40°C ≤ TA ≤ 85°C, 8.5 V ≤ VCC ≤ 15 V, unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
SUPPLY VOLTAGE SECTION
ICC Supply Current
VCC = 16 V, −40°C, No Load
50
125
mA
VCC Normal Operation Range
8.5
13.1
16
V
INPUT COMPARATOR SECTION
Positive Input Threshold
1.0
2.0
3.0
V
Input Hysteresis
200
500
mV
Input Bias Current (Note 3)
0 V ≤ VIN ≤ 8.0 V
−10
−80
mA
Input Frequency Range
0
20
kHz
Input Voltage Range
in series with 1.0 kW
−1.0
VCC
V
Output VSAT
ICC = 10 mA
0.15
0.40
V
Output Leakage
VCC = 7.0 V
10
mA
Low VCC Disable Threshold
7.0
8.0
8.5
V
Logic 0 Input Voltage
1.0
V
VOLTAGE REGULATOR SECTION
Output Voltage
6.25
7.00
7.50
V
Output Load Current
10
mA
Output Load Regulation
0 to 10 mA
10
50
mV
Output Line Regulation
8.5 V ≤ VCC ≤ 16 V
20
150
mV
Power Supply Rejection
VCC = 13.1 V, 1.0 VP/P 1.0 kHz
34
46
dB
CHARGE PUMP SECTION
Inverting Input Voltage
1.5
2.0
2.5
V
Input Bias Current
40
150
nA
VBIAS Input Voltage
1.5
2.0
2.5
V
Non Invert. Input Voltage
IIN = 1.0 mA
0.7
1.1
V
Linearity (Note 4)
@ 0, 87.5, 175, 262.5, + 350 Hz
−0.10
0.28
+0.70
%
F/VOUT Gain
@ 350 Hz, CCP = 0.0033 mF, RT = 243 kW
7.0
10
13
mV/Hz
Norton Gain, Positive
IIN = 15 mA
0.9
1.0
1.1
I/I
Norton Gain, Negative
IIN = 15 mA
0.9
1.0
1.1
I/I
FUNCTION GENERATOR SECTION: −405C 3 TA 3 855C, VCC = 13.1 V unless otherwise noted
Return to Zero Threshold
TA = 25°C
5.2
6.0
7.0
V
Differential Drive Voltage, (VCOS+ − VCOS−)
8.5 V ≤ VCC ≤ 16 V, q = 0°
5.5
6.5
7.5
V
Differential Drive Voltage, (VSIN+ − VSIN−)
8.5 V ≤ VCC ≤ 16 V, q = 90°
5.5
6.5
7.5
V
Differential Drive Voltage, (VCOS+ − VCOS−)
8.5 V ≤ VCC ≤ 16 V, q = 180°
−7.5
−6.5
−5.5
V
Differential Drive Voltage, (VSIN+ − VSIN−)
8.5 V ≤ VCC ≤ 16 V, q = 270°
−7.5
−6.5
−5.5
V
Differential Drive Current
8.5 V ≤ VCC ≤ 16 V
33
42
mA
Zero Hertz Output Angle
−1.5
0
1.5
deg
3. Input is clamped by an internal 12 V Zener.
4. Applies to % of full scale (270°).


Numéro de pièce similaire - CS8190ENF16G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS8190ENF16G ONSEMI-CS8190ENF16G Datasheet
113Kb / 11P
   Precision Air?묬ore Tach/Speedo Driver with Return to Zero
June, 2006 ??Rev. 6
CS8190ENF16G ONSEMI-CS8190ENF16G Datasheet
126Kb / 12P
   Precision Air-Core Tach/Speedo Driver
September, 2017 ??Rev. 8
More results

Description similaire - CS8190ENF16G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS8191 ONSEMI-CS8191 Datasheet
102Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS4101 ONSEMI-CS4101 Datasheet
74Kb / 8P
   Precision Air-Core Tach/Speedo Driver
April, 2001 - Rev. 5
CS8190 ONSEMI-CS8190 Datasheet
103Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS8190 ONSEMI-CS8190_17 Datasheet
126Kb / 12P
   Precision Air-Core Tach/Speedo Driver
September, 2017 ??Rev. 8
CS4121EDWFR20G ONSEMI-CS4121EDWFR20G Datasheet
94Kb / 12P
   Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
CS4121 ONSEMI-CS4121 Datasheet
99Kb / 12P
   Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
logo
Cherry Semiconductor Co...
CS8190 CHERRY-CS8190 Datasheet
187Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Return to Zero
CS8191 CHERRY-CS8191 Datasheet
186Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Short Circuit Protection
logo
IK Semicon Co., Ltd
IL8190N IKSEMICON-IL8190N Datasheet
445Kb / 11P
   Precision Air-Core Tach/Speedo Driver with Return to Zero
logo
Cherry Semiconductor Co...
CS4101 CHERRY-CS4101 Datasheet
168Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Separate Function Generator Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com