Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PN746X Fiches technique(PDF) 69 Page - NXP Semiconductors

No de pièce PN746X
Description  NFC Cortex-M0 microcontroller
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PN746X Fiches technique(HTML) 69 Page - NXP Semiconductors

Back Button PN746X Datasheet HTML 65Page - NXP Semiconductors PN746X Datasheet HTML 66Page - NXP Semiconductors PN746X Datasheet HTML 67Page - NXP Semiconductors PN746X Datasheet HTML 68Page - NXP Semiconductors PN746X Datasheet HTML 69Page - NXP Semiconductors PN746X Datasheet HTML 70Page - NXP Semiconductors PN746X Datasheet HTML 71Page - NXP Semiconductors PN746X Datasheet HTML 72Page - NXP Semiconductors PN746X Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 86 page
background image
PN746X_736X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 5 April 2016
369231
69 of 86
NXP Semiconductors
PN746X_736X
NFC Cortex-M0 microcontroller
13.2.5 Dynamic characteristics for SPI
Table 62.
Timing specification for fast mode I2C
Tamb = 40 C to +85 C
Symbol
Parameter
Conditions
Min
Max
Unit
fSCL
SCL clock frequency
fast mode; Cb < 400 pF
0
400
kHz
tSU;STA
set-up time for a (repeated) START
condition
fast mode; Cb < 400 pF
600
-
ns
tHD;STA
hold time (repeated) START
condition
fast mode; Cb < 400 pF
600
-
ns
tLOW
low period of the SCL clock
fast mode; Cb < 400 pF
1.3
-
s
tHIGH
high period of the SCL clock
fast mode; Cb < 400 pF
600
-
ns
tSU;DAT
data set-up time
fast mode; Cb < 400 pF
100
-
ns
tHD;DAT
data hold time
fast mode; Cb < 400 pF
0
900
ns
tr(SDA)
SDA rise time
fast mode plus; Cb < 100 pF
30
250
ns
tf(SDA)
SDA fall time
fast mode plus; Cb < 100 pF
30
250
ns
Vhys
hysteresis of schmitt trigger inputs
fast mode; Cb < 400 pF
0.1
VPVDD_IN
-V
Fig 37. SPI master timing


Numéro de pièce similaire - PN746X

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PN7462 NXP-PN7462 Datasheet
985Kb / 4P
   First all-in-one full NFC controller solution
2016
PN7462 NXP-PN7462 Datasheet
2Mb / 58P
   PN7462AU Quick Start Guide - Customer Board
Rev. 1.0-29 March 2016
More results

Description similaire - PN746X

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PN7360AUHN NXP-PN7360AUHN Datasheet
716Kb / 86P
   NFC Cortex-M0 microcontroller
Rev. 3.1-5 April 2016
PN736X NXP-PN736X Datasheet
746Kb / 80P
   NFC Cortex-M0 microcontroller
Rev. 3.3 - 7 September 2017
logo
Princeton Technology Co...
PT32M625 PTC-PT32M625 Datasheet
268Kb / 4P
   ARM 짰 Cortex??M0 Microcontroller
PT32C302 PTC-PT32C302 Datasheet
213Kb / 3P
   ARM 짰 Cortex??M0 Microcontroller
PT32U301 PTC-PT32U301 Datasheet
494Kb / 9P
   ARM 짰 Cortex??M0 Microcontroller
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com