Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PN746X Fiches technique(PDF) 36 Page - NXP Semiconductors

No de pièce PN746X
Description  NFC Cortex-M0 microcontroller
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PN746X Fiches technique(HTML) 36 Page - NXP Semiconductors

Back Button PN746X Datasheet HTML 32Page - NXP Semiconductors PN746X Datasheet HTML 33Page - NXP Semiconductors PN746X Datasheet HTML 34Page - NXP Semiconductors PN746X Datasheet HTML 35Page - NXP Semiconductors PN746X Datasheet HTML 36Page - NXP Semiconductors PN746X Datasheet HTML 37Page - NXP Semiconductors PN746X Datasheet HTML 38Page - NXP Semiconductors PN746X Datasheet HTML 39Page - NXP Semiconductors PN746X Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 86 page
background image
PN746X_736X
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.1 — 5 April 2016
369231
36 of 86
NXP Semiconductors
PN746X_736X
NFC Cortex-M0 microcontroller
8.11.2 Features of timer 2 and timer 3
32-bit counters
1 match register per timer, no capture registers and capture trigger pins are needed
1 common output line gathering four timers (Timer 0, Timer 1, Timer 2, and Timer 3)
Interrupts
Timer 2 and timer 3 have two count modes: single-shot and free-running
Timer 2 and timer 3 time-out interrupts can be individually masked
Timer 2 and timer 3 clock source is the system clock
8.12 System tick timer
The PN7462 microcontroller includes a system tick timer (SYSTICK) that generates a
dedicated SYSTICK exception at a fixed time interval (10 ms).
8.13 Watchdog timer
If the microcontroller enters an erroneous state, the watchdog timer resets the
microcontroller. When the watchdog timer is enabled, if the user program fails to “feed”
(reload) the watchdog timer within a predetermined time, it generates a system reset.
The watchdog timer can be enabled through software. If there is a watchdog timeout
leading to a system reset, the timer is disabled automatically.
10-bit counter
Based on a 2.85 kHz clock
Triggers an interrupt when a predefined counter value is reached
Connected to the ARM subsystem NMI (non-maskable interrupt)
If the watchdog timer is not periodically loaded, it resets PN7462
8.14 Clocks
The PN7462 clocks are based on the following clock sources:
27.12 MHz external quartz
27.12 MHz crystal oscillator
Internal oscillator: 20 MHz High Frequency Oscillator (HFO)
Internal oscillator: 365 kHz Low Frequency Oscillator (LFO)
Internal PLL at 48 MHz for the USB interface
Figure 23 indicates the clocks used by each IP.


Numéro de pièce similaire - PN746X

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PN7462 NXP-PN7462 Datasheet
985Kb / 4P
   First all-in-one full NFC controller solution
2016
PN7462 NXP-PN7462 Datasheet
2Mb / 58P
   PN7462AU Quick Start Guide - Customer Board
Rev. 1.0-29 March 2016
More results

Description similaire - PN746X

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PN7360AUHN NXP-PN7360AUHN Datasheet
716Kb / 86P
   NFC Cortex-M0 microcontroller
Rev. 3.1-5 April 2016
PN736X NXP-PN736X Datasheet
746Kb / 80P
   NFC Cortex-M0 microcontroller
Rev. 3.3 - 7 September 2017
logo
Princeton Technology Co...
PT32M625 PTC-PT32M625 Datasheet
268Kb / 4P
   ARM 짰 Cortex??M0 Microcontroller
PT32C302 PTC-PT32C302 Datasheet
213Kb / 3P
   ARM 짰 Cortex??M0 Microcontroller
PT32U301 PTC-PT32U301 Datasheet
494Kb / 9P
   ARM 짰 Cortex??M0 Microcontroller
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com