Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2110PWRG4 Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2110PWRG4
Description  AUTOSWITCHING POWER MUX
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2110PWRG4 Fiches technique(HTML) 2 Page - Texas Instruments

  TPS2110PWRG4 Datasheet HTML 1Page - Texas Instruments TPS2110PWRG4 Datasheet HTML 2Page - Texas Instruments TPS2110PWRG4 Datasheet HTML 3Page - Texas Instruments TPS2110PWRG4 Datasheet HTML 4Page - Texas Instruments TPS2110PWRG4 Datasheet HTML 5Page - Texas Instruments TPS2110PWRG4 Datasheet HTML 6Page - Texas Instruments TPS2110PWRG4 Datasheet HTML 7Page - Texas Instruments TPS2110PWRG4 Datasheet HTML 8Page - Texas Instruments TPS2110PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TPS2110
TPS2111
SLVS443 – DECEMBER 2002
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
FEATURE
TPS2110
TPS2111
TPS2112
TPS2113
TPS2114
TPS2115
Current Limit Adjustment Range
0.31–0.75A
0.63–1.25A
0.31–0.75A
0.63–1.25A
0.31–0.75A
0.63–1.25A
Switching modes
Manual
Yes
Yes
No
No
Yes
Yes
Switching modes
Automatic
Yes
Yes
Yes
Yes
Yes
Yes
Switch Status Output
No
No
Yes
Yes
Yes
Yes
Package
TSSOP-8
TSSOP-8
TSSOP-8
TSSOP-8
TSSOP-8
TSSOP-8
ORDERING INFORMATION
TA
PACKAGE
ORDERING NUMBER(1)
MARKINGS
40
°Cto85°C
TSSOP 8 (PW)
TPS2110PW
2110
–40
°C to 85°C
TSSOP-8 (PW)
TPS2111PW
2111
(1) The PW package is available taped and reeled. Add an R suffix to the device type (e.g., TPS2110PWR) to indicate tape and reel.
PACKAGE DISSIPATION RATINGS
PACKAGE
DERATING FACTOR ABOVE
TA = 25°C
TA ≤ 25°C
POWER RATING
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TSSOP-8 (PW)
3.87 mW/
°C
386.84 mW
212.76 mW
154.73 mW
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
TPS2110, TPS2111
Input voltage range at pins IN1, IN2, D0, D1, VSNS, ILIM(2)
–0.3 V to 6 V
Output voltage range, VO(OUT)(2)
–0.3 V to 6 V
Continuous output current IO
TPS2110
0.9 A
Continuous output current, IO
TPS2111
1.5 A
Continuous total power dissipation
See Dissipation Rating Table
Operating virtual junction temperature range, TJ
–40
°C to 125°C
Storage temperature range, Tstg
–65
°C to 150°C
Lead temperature soldering 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltages are with respect to GND.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Input voltage at IN1 V
VI(IN2) ≥ 2.8 V
1.5
5.5
V
Input voltage at IN1, VI(IN1)
VI(IN2) < 2.8 V
2.8
5.5
V
Input voltage at IN2 V
VI(IN1) ≥ 2.8 V
1.5
5.5
V
Input voltage at IN2, VI(IN2)
VI(IN1) < 2.8 V
2.8
5.5
V
Input voltage, VI(DO), VI(D1), VI(VSNS)
0
5.5
V
C
t li it dj
t
t
I
TPS2110
0.31
0.75
A
Current limit adjustment range, IO(OUT)
TPS2111
0.63
1.25
A
Operating virtual junction temperature, TJ
–40
125
°C
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
MIN
MAX
UNIT
Human body model
2
kV
CDM
500
V


Numéro de pièce similaire - TPS2110PWRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2110PWRG4 TI1-TPS2110PWRG4 Datasheet
1Mb / 24P
[Old version datasheet]   AUTOSWITCHING POWER MUX
More results

Description similaire - TPS2110PWRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2114A TI-TPS2114A Datasheet
211Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI1-TPS2110_15 Datasheet
1Mb / 24P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A_06 Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113PWR TI1-TPS2113PWR Datasheet
760Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110A TI1-TPS2110A_15 Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRBR TI1-TPS2115ADRBR Datasheet
878Kb / 27P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113 TI-TPS2113 Datasheet
162Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS2115 TI-TPS2115 Datasheet
310Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com