Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2110PWG4 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS2110PWG4
Description  AUTOSWITCHING POWER MUX
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS2110PWG4 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS2110PWG4 Datasheet HTML 2Page - Texas Instruments TPS2110PWG4 Datasheet HTML 3Page - Texas Instruments TPS2110PWG4 Datasheet HTML 4Page - Texas Instruments TPS2110PWG4 Datasheet HTML 5Page - Texas Instruments TPS2110PWG4 Datasheet HTML 6Page - Texas Instruments TPS2110PWG4 Datasheet HTML 7Page - Texas Instruments TPS2110PWG4 Datasheet HTML 8Page - Texas Instruments TPS2110PWG4 Datasheet HTML 9Page - Texas Instruments TPS2110PWG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TPS2110
TPS2111
SLVS443 – DECEMBER 2002
www.ti.com
6
TRUTH TABLE
D1
D0
VI(VSNS) > 0.8V
VI(IN2) > VI(IN1)
OUT(1)
0
0
X
X
IN2
0
1
YES
X
IN1
0
1
NO
NO
IN1
0
1
NO
YES
IN2
1
0
X
X
IN1
1
1
X
X
Hi-Z
(1)The under-voltage lockout circuit causes the output to go Hi-Z if the
selected power supply does not exceed the IN1/IN2 UVLO, or if neither
of the supplies exceeds the internal VDD UVLO.
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
D0
1
I
TTL and CMOS compatible input pins. Each pin has a 1-
µA pull-up. The truth table shown above illustrates the
D1
2
I
µ
functionality of D0 and D1.
GND
5
I
Ground
IN1
8
I
Primary power switch input. The IN1 switch can be enabled only if the IN1 supply is above the UVLO threshold and at
least one supply exceeds the internal VDD UVLO.
IN2
6
I
Secondary power switch input. The IN2 switch can be enabled only if the IN2 supply is above the UVLO threshold and
at least one supply exceeds the internal VDD UVLO.
ILIM
4
I
A resistor RILIM from ILIM to GND sets the current limit IL to 250/RILIM and 500/RILIM for the TPS2110 and TPS2111,
respectively.
OUT
7
O
Power switch output
VSNS
3
I
In the auto-switching mode (D0 = 1, D1 = 0), an internal power FET connects OUT to IN1 if the VSNS voltage is greater
than 0.8 V. Otherwise, the FET connects OUT to the higher of IN1 and IN2. The truth table shown above illustrates the
functionality of VSNS.


Numéro de pièce similaire - TPS2110PWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2110PWG4 TI1-TPS2110PWG4 Datasheet
1Mb / 24P
[Old version datasheet]   AUTOSWITCHING POWER MUX
More results

Description similaire - TPS2110PWG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2114A TI-TPS2114A Datasheet
211Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI1-TPS2110_15 Datasheet
1Mb / 24P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A_06 Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113PWR TI1-TPS2113PWR Datasheet
760Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110A TI1-TPS2110A_15 Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRBR TI1-TPS2115ADRBR Datasheet
878Kb / 27P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113 TI-TPS2113 Datasheet
162Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS2115 TI-TPS2115 Datasheet
310Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com