Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC34932EK Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce MC34932EK
Description  Motor Driver Product Selector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC34932EK Fiches technique(HTML) 1 Page - NXP Semiconductors

  MC34932EK Datasheet HTML 1Page - NXP Semiconductors MC34932EK Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Robust,
Reliable
Performance
OVERVIEW
Motor types that most effectively meet the requirements
for high efficiency include AC induction motors (ACIM),
permanent magnet synchronous motors (PMSM), brushless
DC motors (BLDC) and switched reluctance motors (SR).
However, brushed DC motors are still used extensively and
benefit from more efficient drive circuitry.
Supporting a broad portfolio of microcontrollers (MCUs) for
motion control, NXP’s analog and mixed signal portfolio
addresses applications for continuous operation in harsh
environments/applications where high reliability is desired.
The analog and mixed signal portfolio for these
applications includes low voltage products designed for
both commercial and industrial battery applications and
medium voltage and gate drivers for automotive and
industrial applications. These designs use NXP’s unique
SMARTMOS technology.
BENEFITS OF SMARTMOS TECHNOLOGY
}
Cost-effective high-voltage (110 V) power analog
embedded system process platform
}
Low RDS(on)*A (30 mΩ–mm2) for thermal efficiency in
high-current applications
}
High precision for sensor interface integrated with
power applications
}
Advanced isolation capability (-40 V) and robust system
transient ESD/EMC immunity
}
Low-power devices to reduce overall system power
consumption
}
Extreme temperature operation for harsh application
environments (-40 to +175°C)
For system designers who want more efficient motor operation with variable
speed and sensorless control, NXP offers H-bridge, brushed and brushless DC
motor drivers required to complete system design.
Motor Driver Product Selector


Numéro de pièce similaire - MC34932EK

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC34932EK FREESCALE-MC34932EK Datasheet
872Kb / 24P
   Dual 5.0 A H-Bridge
More results

Description similaire - MC34932EK

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP6041-I-SN MICROCHIP-MCP6041-I-SN Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC1017-3.3VCTTR MICROCHIP-TC1017-3.3VCTTR Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC620 MICROCHIP-TC620 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Panasonic Semiconductor
ASFN30770 PANASONIC-ASFN30770 Datasheet
859Kb / 17P
   Fan Motor Selector Chart
02/2006
logo
Microchip Technology
TC4428AEJA MICROCHIP-TC4428AEJA Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide Thermal Management ??Motor Driver ??Interface Peripherals Power Management ??Linear & Mixed Signal ??Safety & Security
11/29/11
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com