Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAP1214 Fiches technique(PDF) 10 Page - SMSC Corporation

No de pièce CAP1214
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1214 Fiches technique(HTML) 10 Page - SMSC Corporation

Back Button CAP1214 Datasheet HTML 6Page - SMSC Corporation CAP1214 Datasheet HTML 7Page - SMSC Corporation CAP1214 Datasheet HTML 8Page - SMSC Corporation CAP1214 Datasheet HTML 9Page - SMSC Corporation CAP1214 Datasheet HTML 10Page - SMSC Corporation CAP1214 Datasheet HTML 11Page - SMSC Corporation CAP1214 Datasheet HTML 12Page - SMSC Corporation CAP1214 Datasheet HTML 13Page - SMSC Corporation CAP1214 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 107 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.0 (08-30-10)
10
SMSC CAP1214
DATASHEET
8
VDD
Positive Power supply
Power
n/a
9
LED1 /
GPIO1
LED1 - Open drain LED driver
OD (5V)
Connect to Ground
GPI1 - GPIO 1 input (default)
DI (5V)
Connect to Ground
GPO1 - GPIO 1 push-pull output
DO
Leave open
10
LED2 /
GPIO 2
LED2 - Open drain LED driver
OD (5V)
Connect to Ground
GPI2 - GPIO 2 input (default)
DI (5V)
Connect to Ground
GPO2 - GPIO 2 push-pull output
DO
Leave open
11
LED3 /
GPIO3
LED3 - Open drain LED driver
OD (5V)
Connect to Ground
GPI3 - GPIO 3 input (default)
DI (5V)
Connect to Ground
GPO3 - GPIO 3 push-pull output
DO
Leave open
12
LED4 /
GPIO4
LED4 - Open drain LED driver
OD (5V)
Connect to Ground
GPI4 - GPIO 4 input (default)
DI (5V)
Connect to Ground
GPO4 - GPIO 4 push-pull output
DO
Leave open
13
LED5 /
GPIO5
LED5 - Open drain LED driver
OD (5V)
Connect to Ground
GPI5 - GPIO 5 input (default)
DI (5V)
Connect to Ground
GPO5 - GPIO 5 push-pull output
DO
Leave open
14
LED6 /
GPIO6
LED6 - Open drain LED driver
OD (5V)
Connect to Ground
GPI6 - GPIO 6 input (default)
DI (5V)
Connect to Ground
GPO6 - GPIO 6 push-pull output
DO
Leave open
15
LED7 /
GPIO7
LED7 - Open drain LED driver
OD (5V)
Connect to Ground
GPI7 - GPIO 7 input (default)
DI (5V)
Connect to Ground
GPO7 - GPIO 7 push-pull output
DO
Leave open
16
LED8 /
GPIO8
LED8 - Open drain LED driver
OD (5V)
Connect to Ground
GPI8 - GPIO 8 input (default)
DI (5V)
Connect to Ground
GPO8 - GPIO 8 push-pull output
DO
Leave open
17
LED9
LED9 - Open drain LED driver
OD (5V)
Connect to Ground
18
LED10
LED10 - Open drain LED driver
OD (5V)
Connect to Ground
19
LED11
LED11 - Open drain LED driver
OD (5V)
Connect to Ground
20
ALERT
Active High Interrupt / Wake Up Input
DIO
Pull-down resistor
21
SMDATA
Bi-directional SMBus data - requires pull-up
resistor
DIOD
(5V)
n/a
22
SMCLK
SMBus clock input - requires pull-up resistor
DI (5V)
n/a
Table 1.1 Pin Description for CAP1214 (continued)
PIN #
PIN NAME
PIN FUNCTION
PIN
TYPE
UNUSED
CONNECTION


Numéro de pièce similaire - CAP1214

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
CAP1214 MICROCHIP-CAP1214 Datasheet
1Mb / 107P
   Multiple Channel Capacitive Touch Sensor and LED Driver
Revision 1.0 08-30-10
CAP1214-1-EZK-TR MICROCHIP-CAP1214-1-EZK-TR Datasheet
1Mb / 107P
   Multiple Channel Capacitive Touch Sensor and LED Driver
Revision 1.0 08-30-10
More results

Description similaire - CAP1214

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
CAP1114 MICROCHIP-CAP1114 Datasheet
1Mb / 102P
   Multiple Channel Capacitive Touch Sensor and LED Driver
Revision 1.1 02-04-11
logo
SMSC Corporation
CAP1014 SMSC-CAP1014 Datasheet
1Mb / 84P
   Multiple Channel Capacitive Touch Sensor and LED Driver
CAP1114 SMSC-CAP1114 Datasheet
1Mb / 102P
   Multiple Channel Capacitive Touch Sensor and LED Driver
logo
Microchip Technology
CAP1214 MICROCHIP-CAP1214 Datasheet
1Mb / 107P
   Multiple Channel Capacitive Touch Sensor and LED Driver
Revision 1.0 08-30-10
logo
SMSC Corporation
CAP1005 SMSC-CAP1005 Datasheet
795Kb / 53P
   5 and 6 Channel Capacitive Touch Sensor
logo
Microchip Technology
CAP1106-1-AIA-TR MICROCHIP-CAP1106-1-AIA-TR Datasheet
272Kb / 4P
   5 and 6 Channel Capacitive Touch Sensor
Revision 1.32 01-05-12
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
   6 Channel Capacitive Touch Sensor
01/27/15
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
   8-Channel Capacitive Touch Sensor
07/14/15
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
   3-Channel Capacitive Touch Sensor
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com