Moteur de recherche de fiches techniques de composants électroniques |
|
TLP1004AF Fiches technique(PDF) 9 Page - Toshiba Semiconductor |
|
TLP1004AF Fiches technique(HTML) 9 Page - Toshiba Semiconductor |
9 / 10 page TLP1004A(F),TLP1005A(F) 2004-02-13 9 Positioning Of Shutter And Device To operate correctly, make sure that the shutter and the device are positioned as shown in the figure below. The shit pitch of the shutter must be set wider than the slit width of the device. Determine the width taking the switching time into consideration. A’ A Shutter Unit in mm Sensor center A – A’ Cross section |
Numéro de pièce similaire - TLP1004AF |
|
Description similaire - TLP1004AF |