Moteur de recherche de fiches techniques de composants électroniques |
|
TA4803F Fiches technique(PDF) 2 Page - Toshiba Semiconductor |
|
TA4803F Fiches technique(HTML) 2 Page - Toshiba Semiconductor |
2 / 12 page TA48018,02,025,03,033,05F/S 2004-07-01 2 How to Order Product No. Package Packing Type and Unit for Orders (1) TA48**F PW-MOLD: Straight-lead package Loose in bag: 200 (1 bag) (2) TA48**F (TE16L1, N) PW-MOLD: Surface-mount package Embossed-tape packing: 2000 (1 tape) (3) TA48**S TO-220NIS Loose in bag: 50 (1 bag) Block Diagram Maximum Ratings (Ta = 25°C) Characteristic Symbol Rating Unit Input voltage VIN 16 V Output current IOUT 1 A Operating temperature Ta (opr) −40~85 °C Junction temperature Tj 150 °C Storage temperature Tstg −55~150 °C TA48**F 1 Power dissipation (Ta = 25°C) TA48**S PD 2 W TA48**F 10 Power dissipation (Tc = 25°C) TA48**S PD 20 W TA48**F 125 Thermal resistance (junction to ambient) TA48**S Rth (j-a) 62.5 °C/W TA48**F 12.5 Thermal resistance (junction to case) TA48**S Rth (j-c) 6.25 °C/W Note 1: External current and voltage ((including negative voltage) should not be applied to pins not specified. 1 IN Overcurrent- limiting circuit 2 OUT 3 GND Overheating detection circuit Reference voltage circuit Constant current circuit |
Numéro de pièce similaire - TA4803F |
|
Description similaire - TA4803F |