Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI9114ADJ-E3 Fiches technique(PDF) 4 Page - Vishay Siliconix

No de pièce SI9114ADJ-E3
Description  High-Frequency Switchmode Controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9114ADJ-E3 Fiches technique(HTML) 4 Page - Vishay Siliconix

  SI9114ADJ-E3 Datasheet HTML 1Page - Vishay Siliconix SI9114ADJ-E3 Datasheet HTML 2Page - Vishay Siliconix SI9114ADJ-E3 Datasheet HTML 3Page - Vishay Siliconix SI9114ADJ-E3 Datasheet HTML 4Page - Vishay Siliconix SI9114ADJ-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Si9114A
Vishay Siliconix
www.vishay.com
4
Document Number: 70025
S-42044—Rev. E, 15-Nov-04
TYPICAL CHARACTERISTICS
Oscillator Frequency
Output Driver Rise and Fall Time
Switching Frequency vs. Supply Voltage
Supply Current vs. Output Frequency
Supply Current vs. Supply Voltage
VCC − Supply Voltage (V)
VCC − Supply Voltage (V)
VCC − Supply Voltage (V)
fOUT − Output Frequency (kHz)
1000
10
100
10
100
1000
47 pF
200 pF
100 pF
150 pF
Note: These curves were measured
in a board with 3.5 pF of
external parasitic
capacitance.
0
0
9
10
11
121314
1516
20
40
60
80
tr for CL = 2500 pF
tf for CL = 2500 pF
17
tr for CL = 1000 pF
tf for CL = 1000 pF
36
0
200
400
600
800
1000
28
20
12
4
0
32
24
16
8
CL = 2500 pF
CL = 1000 pF
CL = 0 pF
VCC = 12 V
COSC = 47 pF
0
0
9
10
11
121314
1516
3
6
9
12
17
ROSC = 127 kW
COSC = 47 pF
fs = 500 kHz
CL = 1000 pF
CL = 0 pF
8
0
9
10
11
121314
1516
0.85
0.90
1.00
1.05
17
0.95
ROSC = 56 kW
COSC = 47 pF
rOSC − Oscillator Resistance (kW)
tr 10% to 90%
tf 90% to 10%


Numéro de pièce similaire - SI9114ADJ-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9114A VISHAY-SI9114A Datasheet
169Kb / 8P
   High-Frequency Switchmode Controller
01-Jan-2022
SI9114A VISHAY-SI9114A_V01 Datasheet
169Kb / 8P
   High-Frequency Switchmode Controller
01-Jan-2022
More results

Description similaire - SI9114ADJ-E3

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9114A VISHAY-SI9114A_V01 Datasheet
169Kb / 8P
   High-Frequency Switchmode Controller
01-Jan-2022
SI9112 VISHAY-SI9112 Datasheet
71Kb / 6P
   High-Voltage Switchmode Controller
Rev. H, 15-Nov-04
SI9112 VISHAY-SI9112_V01 Datasheet
161Kb / 9P
   High-Voltage Switchmode Controller
01-Jan-2022
logo
TRIAD MAGNETICS
FIT106-1 TRIAD-FIT106-1 Datasheet
128Kb / 1P
   Switchmode/High Frequency Toroidal Inductor
FIT80-6 TRIAD-FIT80-6 Datasheet
128Kb / 1P
   Switchmode/High Frequency Toroidal Inductor
logo
List of Unclassifed Man...
FIT50-4 ETC2-FIT50-4 Datasheet
128Kb / 1P
   Switchmode/High Frequency Toroidal Inductor
logo
TRIAD MAGNETICS
CME375-4 TRIAD-CME375-4 Datasheet
88Kb / 1P
   Switchmode/High Frequency Common Mode Inductors
ET2825-032 TRIAD-ET2825-032 Datasheet
84Kb / 1P
   Switchmode/High Frequency Common Mode Inductors
ET2835-034 TRIAD-ET2835-034 Datasheet
84Kb / 1P
   Switchmode/High Frequency Common Mode Inductors
ET2835-036 TRIAD-ET2835-036 Datasheet
84Kb / 1P
   Switchmode/High Frequency Common Mode Inductors
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com