Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI786DRG-T1 Fiches technique(PDF) 8 Page - Vishay Siliconix

No de pièce SI786DRG-T1
Description  Dual-Output Power-Supply Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI786DRG-T1 Fiches technique(HTML) 8 Page - Vishay Siliconix

Back Button SI786DRG-T1 Datasheet HTML 4Page - Vishay Siliconix SI786DRG-T1 Datasheet HTML 5Page - Vishay Siliconix SI786DRG-T1 Datasheet HTML 6Page - Vishay Siliconix SI786DRG-T1 Datasheet HTML 7Page - Vishay Siliconix SI786DRG-T1 Datasheet HTML 8Page - Vishay Siliconix SI786DRG-T1 Datasheet HTML 9Page - Vishay Siliconix SI786DRG-T1 Datasheet HTML 10Page - Vishay Siliconix SI786DRG-T1 Datasheet HTML 11Page - Vishay Siliconix SI786DRG-T1 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Si786
Vishay Siliconix
www.vishay.com
8
Document Number: 70189
S-40807—Rev. J, 26-Apr-04
ORDERING INFORMATION
Part Number
Lead (Pb)-Free
Part Number
Temp Range
VOUT
Si786CG
33 V
Si786CG-T1
Si786CG-T1—E3
3.3 V
Si786CRG
C-Grade
3 45 V
Si786CRG-T1
Si786CRG-T1—E3
C-Grade
0 to 70_C
3.45 V
Si786CSG
36 V
Si786CSG-T1
Si786CSG-T1—E3
3.6 V
Si786LG
33 V
Si786LG-T1
Si786LG-T1—E3
3.3 V
Si786LRG
L-Grade
3 45 V
Si786LRG-T1
Si786LRG-T1—E3
L-Grade
−10_ to 90_C
3.45 V
Si786LSG
36 V
Si786LSG-T1
Si786LSG-T1—E3
3.6 V
Si786DG
33 V
Si786DG-T1
Si786DG-T1—E3
3.3 V
Si786DRG
D-Grade
3 45 V
Si786DRG-T1
Si786DRG-T1—E3
D-Grade
−40_ to 85_C
3.45 V
Si786DSG
36 V
Si786DSG-T1
Si786DSG-T1—E3
3.6 V
Demo Board
Temp Range
Board Type
Si786DB
0 to 70_C
Surface Mount
DESCRIPTION OF OPERATION
The Si786 is a dual step-down converter, which takes a 5.5-V
to 30-V input and supplies power via two PWM controllers (see
Figure 1). These 5-V and 3.3-V supplies run on an optional
300-kHz or 200-kHz internal oscillator, or an external sync
signal. Amount of output current is limited by external
components, but can deliver greater than 6 A on either supply.
As well as these two main Buck controllers, additional loads
can be driven from two micropower linear regulators, one 5 V
(VL) and the other 3.3 V (REF)—see Figure 2. These supplies
are each rated to deliver 5 mA. If the linear regulator circuits fall
out of regulation, both Buck controllers are shut down.
Two voltage comparators with adjustable output voltages are
included in the Si786. They can be used for gate drive in load
switching applications, where n-channel MOSFETs are used.
Logic level voltages can be generated as well, for instance to
serve as mP interfacing (e.g. a Power-good signal).
3.3-V Switching Supply
The 3.3-V supply is regulated by a current-mode PWM
controller in conjunction with several externals: two n-channel
MOSFETs, a rectifier, an inductor and output capacitors (see
Figure 1). The gate drive supplied by DH3 needs to be greater
than VL , so it is provided by the bootstrap circuit consisting of
a 100-nF capacitor and diode connected to BST3 .
A low-side switching MOSFET connected to DL3 increases
efficiency by reducing the voltage across the rectifier diode. A
low value sense resistor in series with the inductor sets the
maximum current limit, to disallow current overloads at
power-on or in short-circuit situations.
The soft-start feature on the Si786 is capacitor programmable;
pin SS3 functions as a constant current source to the external
capacitor connected to GND. Excess currents at power-on are
avoided, and power-supplies can be sequenced with different
turn-on delay times by selecting the correct capacitor value.
5-V Switching Supply
The 5-V supply is regulated by a current-mode PWM controller
which is nearly the same as the 3.3-V output. The dropout
voltage across the 5-V supply, as shown in the schematic in
Figure 1, is 400 mV (typ) at 2 A. If the voltage at V+ falls, nearing
5 V, the 5-V supply will lower as well, until the VL linear regulator
output falls below the 4-V undervoltage lockout threshold.
Below this threshold, the 5-V controller is shut off.
The frequency of both PWM controllers is set at 300 kHz when
the SYNC pin is tied to REF. Connecting SYNC to either GND
or VL sets the frequency at 200 kHz.


Numéro de pièce similaire - SI786DRG-T1

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7860ADP VISHAY-SI7860ADP Datasheet
42Kb / 5P
   N-Channel Reduced, Fast Switching MOSFET
Rev. A, 29-Dec-03
SI7860DP VISHAY-SI7860DP Datasheet
59Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. C, 13-Oct-03
SI7860DP-T1 VISHAY-SI7860DP-T1 Datasheet
147Kb / 7P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. E, 09-Feb-09
SI7862ADP VISHAY-SI7862ADP Datasheet
297Kb / 12P
   N-Channel 16-V (D-S) MOSFET
Rev. C, 03-Mar-08
SI7862ADP VISHAY-SI7862ADP Datasheet
298Kb / 12P
   N-Channel 16-V (D-S) MOSFET
08-Feb-17
More results

Description similaire - SI786DRG-T1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADP3025 AD-ADP3025 Datasheet
609Kb / 24P
   High Efficiency Dual Output Power Supply Controller
REV. A
ADP3025 AD-ADP3025_15 Datasheet
1Mb / 24P
   High Efficiency Dual Output Power Supply Controller
REV. A
logo
Maxim Integrated Produc...
MAX786 MAXIM-MAX786 Datasheet
305Kb / 20P
   Dual-Output Power-Supply Controller for Notebook Computers
2; 4/97
logo
Intersil Corporation
ISL6118 INTERSIL-ISL6118 Datasheet
454Kb / 10P
   Dual Power Supply Controller
logo
Renesas Technology Corp
ISL6118 RENESAS-ISL6118 Datasheet
638Kb / 10P
   Dual Power Supply Controller
logo
Vishay Siliconix
SI9136 VISHAY-SI9136_11 Datasheet
259Kb / 16P
   Multi-Output Power-Supply Controller
Rev. D, 16-May-11
SI9136 VISHAY-SI9136 Datasheet
178Kb / 14P
   Multi-Output Power-Supply Controller
Rev. C, 03-Apr-00
logo
STMicroelectronics
L4992 STMICROELECTRONICS-L4992 Datasheet
296Kb / 26P
   TRIPLE OUTPUT POWER SUPPLY CONTROLLER
June 2000
logo
Vishay Siliconix
SI9136 VISHAY-SI9136_V01 Datasheet
224Kb / 16P
   Multi-Output Power-Supply Controller
01-Jan-2022
SI9135 VISHAY-SI9135_11 Datasheet
271Kb / 16P
   SMBus Multi-Output Power-Supply Controller
Rev. D, 16-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com