Moteur de recherche de fiches techniques de composants électroniques |
|
J1026F01PNL Fiches technique(PDF) 2 Page - Pulse A Technitrol Company |
|
J1026F01PNL Fiches technique(HTML) 2 Page - Pulse A Technitrol Company |
2 / 5 page .002 0,05 .130 3,30 MAX 1.00 25,4 BACK FRONT .290 7,37 .002 0,05 .100 2,54 .002 0,05 SIGNAL LEADS .130 3,30 .020 0,51 LED LEADS .135 3,43 .020 0,51 HOUSING POST .125 3,18 .020 0,51 .003 0,08 .532 13,51 .250 6,35 .003 0,08 .425 10,80 12 11 10 9 7 5 3 8 6 4 2 PIN #1 4X .003 0,08 .040 1,02 .060 1,52 .290 7,37 8X .003 0,08 .035 0,89 .100 2,54 .150 3,81 .200 5,08 .250 6,35 .300 7,62 .350 8,89 .400 10,16 .485 12,32 .000 0,00 .135 3,43 2X .003 0,08 .064 1,63 .250 6,35 .130 3,30 .000 0,00 .100 2,54 .675 17,15 .050 1,27 .050 1,27 2X .125 3,18 .129 3,28 .040 1,02 .390 9,91 FRONT BACK 4X R .010 0,25 MAX (TOP OF PCB TO BOTTOM OF OPENING) .010 0,25 .560 14,22 .670 17,02 .290 7,37 Patent Pending Date Code Country of Origin J10XXXXXX TM BACK VIEW PULSEJACKTM 1x1 Tab-UP RJ45 J1 Series Mechanicals RECOMMENDED PANEL CUTOUT SUGGESTED PCB LAYOUT SIDE VIEW LEFT LED SHIELD PIN .150 3,81 .640 16,26 RIGHT LED FRONT VIEW FACE VIEW www.pulseeng.com Dimensions: Inches Unless otherwise specified, all tolerances are ± .010 mm 0,25 EMI Fingers EMI Fingers USA 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 769 85538070 •• Taiwan 886 3 4641811 www.pulseeng.com 2 J402.D (6/06) |
Numéro de pièce similaire - J1026F01PNL |
|
Description similaire - J1026F01PNL |