Moteur de recherche de fiches techniques de composants électroniques |
|
M38C89MF Fiches technique(PDF) 4 Page - Mitsubishi Electric Semiconductor |
|
M38C89MF Fiches technique(HTML) 4 Page - Mitsubishi Electric Semiconductor |
4 / 51 page 4 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS 38C8 Group PRELIMINAR Y Notice: This is not a final specification. Some parametric limits are subject to change. • Apply voltage of 4.0–5.5 V to VCC, and 0 V to VSS. (at high-speed mode) • Reset input pin for active “L.” • Input and output pins for the main clock generating circuit. • Feedback resistor is built in between XIN pin and XOUT pin. • Connect a ceramic resonator or a quartz-crystal oscillator between the XIN and XOUT pins to set the oscillation frequency. • If an external clock is used, connect the clock source to the XIN pin and leave the XOUT pin open. • This pin determines the oscillation between XIN and XOUT. The oscillation method can be selected from either by an oscillator or by a resistor. • Input and output pins for sub-clock generating circuit. (Connect a quartz-crystal oscillator between the XCIN and XCOUT pins to set the oscillation frequency. The clock generated the externals cannot be input directly.) • Reference voltage input pin for LCD. • The input voltage to this pin is boosted threefold by voltage multiplier. • LCD drive power source pins. • LCD common output pins. • LCD segment/common output pins. • LCD segment output pins. • 8-bit I/O port. • CMOS compatible input level. • CMOS 3-state output structure. • 4-bit I/O port. • CMOS compatible input level. • CMOS 3-state output structure. • 1-bit input port. • CMOS compatible input level. • 7-bit I/O port. • CMOS compatible input level. • CMOS 3-state output structure. • I/O direction register allows each pin to be individually programmed as either input or output. • External capacitor connect pins for a voltage multiplier of LCD. • Non-function pins. • Leave the VSS (NC) pin open. • A-D converter analog input pin • Key-on wake-up interrupt input pin • A-D converter analog input pin • External interrupt pin • External interrupt pin • A-D trigger input pin •Timer function I/O pin • Serial I/O I/O pin Pin VCC, VSS RESET XIN XOUT OSCSEL XCIN XCOUT VLIN VL1 – VL5 COM0 – COM32 SEG0/COM16– SEG7/COM23, SEG60COM31– SEG67/COM24 SEG8–SEG59 P00–P07 P14–P17 P10/AIN4– P13/AIN7 P20–P27 P30/AIN0 – P33/AIN3 P40/INT0 P41/INT1/ADT P42/CNTR0/ BEEP+, P43/CNTR1/ BEEP- P44/RxD, P45/TxD, P46/SCLK, P47/SRDY C1, C2, C3 VSS (NC), NC Name Power source Reset input Clock input Clock output RC oscillation select Sub-clock input Sub-clock output Power source input for LCD LCD power source Common output Segment output/ Common output Segment output I/O port P0 I/O port P1 I/O port P2 I/O port P3 Input port P4 I/O port P4 Voltage multiplier Function except a port function PIN DESCRIPTION Table 1 Pin description Function |
Numéro de pièce similaire - M38C89MF |
|
Description similaire - M38C89MF |