Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI1305DL Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI1305DL
Description  P-Channel 1.8-V (G-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1305DL Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI1305DL Datasheet HTML 1Page - Vishay Siliconix SI1305DL Datasheet HTML 2Page - Vishay Siliconix SI1305DL Datasheet HTML 3Page - Vishay Siliconix SI1305DL Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si1305DL
Vishay Siliconix
www.vishay.com
2-2
Document Number: 71076
S-03721—Rev. C, 07-Apr-03
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 mA
- 0.45
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 6.4 V, VGS = 0 V
-1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = - 6.4 V, VGS = 0 V, TJ = 70_C
-5
mA
On-State Drain Currenta
ID(on)
VDS = - 5 V, VGS = - 4.5 V
-3
A
VGS = - 4.5 V, ID = - 1 A
0.230
0.280
Drain-Source On-State Resistancea
rDS(on)
VGS = - 2.5 V, ID = - 0.5 A
0.315
0.380
W
DS(on)
VGS = - 1.8 V, ID = - 0.3 A
0.440
0.530
Forward Transconductancea
gfs
VDS = - 5 V, ID = - 1 A
3.5
S
Diode Forward Voltagea
VSD
IS = - 0.3 A, VGS = 0 V
- 1.2
V
Dynamicb
Total Gate Charge
Qg
2.6
4
Gate-Source Charge
Qgs
VDS = - 4 V, VGS = - 4.5 V, ID = - 1 A
0.6
nC
Gate-Drain Charge
Qgd
0.5
Turn-On Delay Time
td(on)
8
15
Rise Time
tr
VDD = - 4 V, RL = 4 W
55
80
Turn-Off Delay Time
td(off)
VDD = - 4 V, RL = 4 W
ID ^ - 1 A, VGEN = - 4.5 V, RG = 6 W
17
25
ns
Fall Time
tf
12
20
Source-Drain Reverse Recovery Time
trr
IF = - 1 A, di/dt = 100 A/ms
27
45
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
1
2
3
4
5
6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
2
4
6
8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 4.5 V
TC = - 55_C
125
_C
2 V
25
_C
Output Characteristics
Transfer Characteristics
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
1 V
2.5 V
3 V
3.5 V
4 V
1.5 V


Numéro de pièce similaire - SI1305DL

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
110Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 13-Jun-05
SI1305DL VISHAY-SI1305DL Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
SI1305DL-T1 VISHAY-SI1305DL-T1 Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
SI1305DL-T1-E3 VISHAY-SI1305DL-T1-E3 Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
SI1305DL VISHAY-SI1305DL_05 Datasheet
110Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 13-Jun-05
More results

Description similaire - SI1305DL

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1407DL VISHAY-SI1407DL Datasheet
64Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 17-Jul-00
SI1305DL VISHAY-SI1305DL_08 Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
logo
Leshan Radio Company
LSI1013XT1G LRC-LSI1013XT1G Datasheet
371Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6467BDQ-T1-E3 VISHAY-SI6467BDQ-T1-E3 Datasheet
208Kb / 11P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 31-Mar-08
SI2315BDS VISHAY-SI2315BDS_V01 Datasheet
181Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4