Moteur de recherche de fiches techniques de composants électroniques |
|
M38C34M6A Fiches technique(PDF) 6 Page - Mitsubishi Electric Semiconductor |
|
M38C34M6A Fiches technique(HTML) 6 Page - Mitsubishi Electric Semiconductor |
6 / 62 page 6 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS 38C3 Group ROM size (bytes) 32K 28K 24K 20K 16K 12K 8K 4K 256 384 512 640 768 896 1024 192 RAM size (bytes) 36K 40K 44K 48K Under development M38C34M6A/M6M Under development M38C37ECA/ECM Planning M38C33M4 Products under development or planning : the development schedule and specification may be revised without notice. Planning products may be stopped the development. GROUP EXPANSION Mitsubishi plans to expand the 38C3 group as follows. Memory Type Support for mask ROM, One Time PROM, and EPROM versions Memory Size ROM/PROM size ................................................ 16 K to 48 K bytes RAM size ............................................................. 512 to 1024 bytes Memory Expansion Plan Fig. 4 Memory expansion plan Currently planning products are listed below. As of April 1998 Package 80P6N-A 80D0 80P6N-A 80D0 Product name M38C34M6AXXXFP M38C37ECAXXXFP M38C37ECAFP M38C37ECAFS M38C34M6MXXXFP M38C37ECMXXXFP M38C37ECMFP M38C37ECMFS (P) ROM size (bytes) ROM size for User in ( ) 24576 (24446) 49152 (49022) 24576 (24446) 49152 (49022) RAM size (bytes) 640 1024 640 1024 Table 3 Support products Mask ROM version One Time PROM version One Time PROM version (blank) EPROM version Mask ROM version One Time PROM version One Time PROM version (blank) EPROM version Remarks Packages 80P6N-A ..................................... 0.8 mm-pitch plastic molded QFP 80D0 ........................ 0.8 mm-pitch ceramic LCC (EPROM version) |
Numéro de pièce similaire - M38C34M6A |
|
Description similaire - M38C34M6A |