Moteur de recherche de fiches techniques de composants électroniques |
|
M38C34M6A Fiches technique(PDF) 5 Page - Mitsubishi Electric Semiconductor |
|
M38C34M6A Fiches technique(HTML) 5 Page - Mitsubishi Electric Semiconductor |
5 / 62 page 5 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS 38C3 Group M38C3 4 M 6 A XXX FP Product ROM/PROM size 1 2 3 4 5 6 7 8 : 4096 bytes : 8192 bytes : 12288 bytes : 16384 bytes : 20480 bytes : 24576 bytes : 28672 bytes : 32768 bytes The first 128 bytes and the last 2 bytes of ROM are reserved areas ; they cannot be used. Memory type M E : Mask ROM version : EPROM or One Time PROM version RAM size 0 1 2 3 4 5 6 7 : 192 bytes : 256 bytes : 384 bytes : 512 bytes : 640 bytes : 768 bytes : 896 bytes : 1024 bytes Package type FP FS ROM number Omitted in some types. A : Standard(Note) M : M version : 80P6N-A package : 80D0 package 9 A B C : 36864 bytes : 40960 bytes : 45056 bytes : 49152 bytes Note : Difference between standard and M version • Standard : • M version : Port P50/TAOUT pin remains set to the input mode until the direction register is set to the output mode during reset and after reset. Port P50/TAOUT pin remains set to the output mode (“L” output) until the direction register is set to the input mode during reset and after reset. PART NUMBERING Fig. 3 Part numbering |
Numéro de pièce similaire - M38C34M6A |
|
Description similaire - M38C34M6A |