Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRLML6302 Fiches technique(PDF) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

No de pièce IRLML6302
Description  P-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Site Internet  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

IRLML6302 Fiches technique(HTML) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  IRLML6302 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. IRLML6302 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. IRLML6302 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. IRLML6302 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Plastic-Encapsulate Mosfets
Page:P4 -P2
GUANGDONG
HOTTECH
INDUSTRIAL
CO., LTD
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-20 ––– –––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– -4.9 ––– mV/°C Reference to 25°C, ID = -1mA
––– ––– 0.60
VGS = -4.5V, ID = -0.61A ƒ
––– ––– 0.90
VGS = -2.7V, ID = -0.31A ƒ
VGS(th)
Gate Threshold Voltage
-0.70 ––– -1.5
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
0.56 ––– –––
S
VDS = -10V, ID = -0.31A
––– ––– -1.0
VDS = -16V, VGS = 0V
––– ––– -25
VDS = -16V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
––– ––– -100
VGS = -12V
Gate-to-Source Reverse Leakage
––– ––– 100
VGS = 12V
Qg
Total Gate Charge
––– 2.4
3.6
ID = -0.61A
Qgs
Gate-to-Source Charge
––– 0.56 0.84
nC
VDS = -16V
Qgd
Gate-to-Drain ("Miller") Charge
––– 1.0
1.5
VGS = -4.5V, See Fig. 6 and 9 ƒ
td(on)
Turn-On Delay Time
–––
13
–––
VDD = -10V
tr
Rise Time
–––
18
–––
ID = -0.61A
td(off)
Turn-Off Delay Time
–––
22
–––
RG = 6.2Ω
tf
Fall Time
–––
22
–––
RD = 16Ω, See Fig. 10 ƒ
Ciss
Input Capacitance
–––
97
–––
VGS = 0V
Coss
Output Capacitance
–––
53
–––
pF
VDS = -15V
Crss
Reverse Transfer Capacitance
–––
28
–––
ƒ = 1.0MHz, See Fig. 5
µA
nA
ns
IGSS
IDSS
Drain-to-Source Leakage Current
RDS(ON)
Static Drain-to-Source On-Resistance
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode) 
p-n junction diode.
VSD
Diode Forward Voltage
––– ––– -1.2
V
TJ = 25°C, IS = -0.61A, VGS = 0V ƒ
trr
Reverse Recovery Time
–––
35
53
ns
TJ = 25°C, IF = -0.61A
Qrr
Reverse RecoveryCharge
–––
26
39
nC
di/dt = 100A/µs ƒ
Source-Drain Ratings and Characteristics
A
S
D
G
––– ––– -4.9
––– ––– -0.54
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
‚ ISD ≤ -0.61A, di/dt ≤ 76A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
ƒ Pulse width ≤ 300µs; duty cycle ≤ 2%.
„ Surface mounted on FR-4 board, t ≤ 5sec.
IRLML6302


Numéro de pièce similaire - IRLML6302

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRLML6302 IRF-IRLML6302 Datasheet
81Kb / 8P
   HEXFET Power MOSFET
IRLML6302 IRF-IRLML6302 Datasheet
256Kb / 8P
   HEXFET Power MOSFET
logo
Inchange Semiconductor ...
IRLML6302 ISC-IRLML6302 Datasheet
259Kb / 2P
   Isc P-Channel MOSFET Transistor
logo
Guangdong Youtai Semico...
IRLML6302 UMW-IRLML6302 Datasheet
464Kb / 6P
   Switching
logo
International Rectifier
IRLML6302GPBF IRF-IRLML6302GPBF Datasheet
249Kb / 8P
   HEXFET POWER MOSFET
More results

Description similaire - IRLML6302

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com