Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC818-40 Fiches technique(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

No de pièce BC818-40
Description  Plastic-Encapsulate Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Site Internet  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

BC818-40 Fiches technique(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  BC818-40 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. BC818-40 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
For general AF applications
High collector current
High current gain
Low collector-emitter saturation voltage
Marking
BC818-16
BC818-25
BC818-40
6E
6F
6G
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
30
V
DCollector-Emitter Voltage
V
CEO
25
V
Emitter-Base Voltage
V
EBO
5
V
Collector Current -Continuous
I
C
500
mA
Collector Power Dissipation
PC
300
mW
Junction Temperature
T
J
150
Storage Temperature
Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Collector-base breakdown voltage
VCB
O
IC= 10μA, IE=0
30
V
Collector-emitter breakdown voltage
VCE
O
IC= 10mA, IB=0
25
V
Emitter-base breakdown voltage
VEB
O
IE= 10μA, IC=0
5
V
Collector cut-off current
ICB
O
VCB= 25 V ,
IE=0
0.1
μA
Emitter cut-off current
IEB
O
VEB= 4V, IC=0
0.1
μA
DC current gain
hFE(1
)
VCE= 1V, IC= 100mA
100
630
hFE(2
)
VCE= 1V, IC= 300mA
60
Collector-emitter saturation voltage
VCE(sat)
IC= 500mA, IB= 50mA
0.7
V
Base-emitter saturation voltage
VBE(sat)
IC= 500mA, IB= 50mA
1.2
V
Base-emitter voltage
VB
E
VCE=1V, IC= 500mA
1.2
V
Collecter capactiance
Cob
VCB=10V ,f=1MHz
6
pF
Transition frequency
f
T
VCE= 5 V, IC= 50Ma
f=100MHz
170
MHz
CLASSIFICATION OF
hFE
Rank
6E
6F
6G
Range
100-250
160-400
250-630
(NPN)
(NPN)
(NPN)
1. BASE
2. EMITTER
SOT-23
3. COLLECTO
BC818-16
BC818-25
BC818-40


Numéro de pièce similaire - BC818-40

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BC818-40 SIEMENS-BC818-40 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
GUANGDONG HOTTECH INDUS...
BC818-40 HOTTECH-BC818-40 Datasheet
186Kb / 2P
   Plastic-Encapsulate Transistors
logo
Infineon Technologies A...
BC818-40 INFINEON-BC818-40 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Galaxy Semi-Conductor H...
BC818-40 BILIN-BC818-40 Datasheet
161Kb / 4P
   NPN General Purpose Amplifier
logo
Diotec Semiconductor
BC818-40 DIOTEC-BC818-40 Datasheet
188Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Description similaire - BC818-40

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
   PLASTIC ENCAPSULATE TRANSISTORS
logo
GUANGDONG HOTTECH INDUS...
2SC4672 HOTTECH-2SC4672 Datasheet
175Kb / 2P
   Plastic-Encapsulate Transistors
2SB1260 HOTTECH-2SB1260 Datasheet
173Kb / 2P
   Plastic-Encapsulate Transistors
A44 HOTTECH-A44 Datasheet
304Kb / 2P
   Plastic-Encapsulate Transistors
BAS21 HOTTECH-BAS21 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SA812 HOTTECH-2SA812 Datasheet
306Kb / 2P
   Plastic-Encapsulate Transistors
MMBT5401 HOTTECH-MMBT5401 Datasheet
191Kb / 2P
   Plastic-Encapsulate Transistors
MMBTA05 HOTTECH-MMBTA05 Datasheet
274Kb / 2P
   Plastic-Encapsulate Transistors
2SC4115 HOTTECH-2SC4115 Datasheet
1Mb / 2P
   Plastic-Encapsulate Transistors
MMST2907A HOTTECH-MMST2907A Datasheet
202Kb / 2P
   Plastic-Encapsulate Transistors
MMST3906 HOTTECH-MMST3906 Datasheet
339Kb / 2P
   Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com