Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA20-11SURKWA Fiches technique(PDF) 1 Page - Kingbright Corporation

No de pièce TA20-11SURKWA
Description  50mm (2.0INCH) 5x7 DOT MATRIX DISPLAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

TA20-11SURKWA Fiches technique(HTML) 1 Page - Kingbright Corporation

  TA20-11SURKWA Datasheet HTML 1Page - Kingbright Corporation TA20-11SURKWA Datasheet HTML 2Page - Kingbright Corporation TA20-11SURKWA Datasheet HTML 3Page - Kingbright Corporation TA20-11SURKWA Datasheet HTML 4Page - Kingbright Corporation TA20-11SURKWA Datasheet HTML 5Page - Kingbright Corporation TA20-11SURKWA Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAM8567
REV NO: V.2A
DATE: MAR/20/2015
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: P.Cheng
ERP: 1332000162
50mm (2.0INCH) 5x7 DOT MATRIX DISPLAY
Part Number: TA20-11SURKWA
Hyper Red
Features
2.0 inch matrix height.
Dot size 5mm.
Low current operation.
High contrast and light output.
Stackable horizontally.
Easy mounting on P.C. boards or sockets.
Categorized for luminous intensity.
Mechanically rugged.
Standard : gray face, white dot.
RoHS compliant.
Description
The Hyper Red source color devices are made with Al-
GaInP on GaAs substrate Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.


Numéro de pièce similaire - TA20-11SURKWA

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TA20-11SRWA ETC-TA20-11SRWA Datasheet
236Kb / 6P
   50MM (2.0 INCH) 5 X 7 DOT MATRIX DISPLAYS
logo
Kingbright Corporation
TA20-11SRWA KINGBRIGHT-TA20-11SRWA Datasheet
148Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11SYKWA KINGBRIGHT-TA20-11SYKWA Datasheet
340Kb / 6P
   50mm (2.0INCH) 5x7 DOT MATRIX DISPLAY
More results

Description similaire - TA20-11SURKWA

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
TA20-11CGKWA KINGBRIGHT-TA20-11CGKWA Datasheet
341Kb / 6P
   50mm (2.0INCH) 5x7 DOT MATRIX DISPLAY
TA20-11SYKWA KINGBRIGHT-TA20-11SYKWA Datasheet
340Kb / 6P
   50mm (2.0INCH) 5x7 DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
XMUR50C ETC1-XMUR50C Datasheet
166Kb / 3P
   50mm (2.0) 5x7 DOT MATRIX DISPLAY
logo
Kingbright Corporation
TA20-11GWA KINGBRIGHT-TA20-11GWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TBA20-11EGWA KINGBRIGHT-TBA20-11EGWA Datasheet
173Kb / 5P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TC20-11CGKWA KINGBRIGHT-TC20-11CGKWA Datasheet
357Kb / 6P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TC20-11SRWA KINGBRIGHT-TC20-11SRWA Datasheet
146Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11YWA KINGBRIGHT-TA20-11YWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11SRWA KINGBRIGHT-TA20-11SRWA Datasheet
148Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11EWA KINGBRIGHT-TA20-11EWA Datasheet
150Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com