Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38C2XMX Fiches technique(PDF) 1 Page - Mitsubishi Electric Semiconductor

No de pièce M38C2XMX
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38C2XMX Fiches technique(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M38C2XMX Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
PIN CONFIGURATION (TOP VIEW)
Package type : 64P6N-A/64P6Q-A
DESCRIPTION
The 38C2 group is the 8-bit microcomputer based on the 740 family
core technology.
The 38C2 group has an LCD drive control circuit, a 10-channel A-D
converter, and a Serial I/O as additional functions.
The various microcomputers in the 38C2 group include variations of
internal memory size and packaging. For details, refer to the section
on part numbering.
FEATURES
qBasic machine-language instructions ....................................... 71
qThe minimum instruction execution time .......................... 0.25
µs
(at 8MHz oscillation frequency)
qMemory size
ROM ................................................................ 16 K to 60 K bytes
RAM ................................................................. 640 to 2048 bytes
qProgrammable input/output ports ............................................. 51
(common to SEG: 24)
qInterrupts ................................................... 18 sources, 16 vectors
qTimers ............................................................ 8-bit ✕ 4, 16-bit ✕ 2
qA-D converter ................................................. 10-bit ✕ 8 channels
qSerial I/O ........................ 8-bit ✕ 2 (UART or Clock-synchronized)
qPWM .................. 10-bit ✕ 2, 16-bit ✕ 1 (common to IGBT output)
qLCD drive control circuit
Bias ................................................................................... 1/2, 1/3
Duty ........................................................................... 1/2, 1/3, 1/4
Common output .......................................................................... 4
Segment output ........................................................................ 24
qTwo clock generating circuits
(connect to external ceramic resonator or quartz-crystal oscillator)
qWatchdog timer ............................................................... 8-bit ✕ 1
q LED direct drive port .................................................................. 8
(average current: 15 mA, peak current: 30 mA, total current: 90 mA)
qPower source voltage
In through mode .......................................................... 4.0 to 5.5 V
(at 8 MHz oscillation frequency)
In frequency/2 mode ................................................... 1.8 to 5.5 V
(at 4 MHz oscillation frequency, A-D operation excluded)
In low-speed mode ..................................................... 1.8 to 5.5 V
(at 32 kHz oscillation frequency)
qPower dissipation
In through mode ................................................................. 26 mW
(at 8 MHz oscillation frequency, VCC = 5 V)
In low-speed mode ............................................................. 21
µW
(at 32 kHz oscillation frequency, VCC = 3 V)
qOperating temperature range ................................... – 20 to 85°C
Fig. 1 M38C2XMX-XXXFP pin configuration
38C2 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
61
32
31
30
29
28
27
26
25
24
23
22
21
67
8
9 1011 12 13141516
454443424140 39383736353433
P24/SEG20
P25/SEG21
COM2
COM1
COM0
P27/SEG23/VL2
P26/SEG22/VL1
COM3
(KW7)/P03/SEG3
P51/INT1
(KW2)/P56/SCLK1
(KW1)/P55/TXD1
(KW0)/P54/RXD1
P53/T4OUT/PWM1
49
50
51
52
53
484746
62
63
64
1
234
5
20
19
18
17
55
56
57
58
59
60
M38C2XMX-XXXFP
54
P36/T2OUT/
φ/(LED6)
P52/T3OUT/PWM0
VREF
VL3
P47/RTP1/AN7
P46/RTP0/AN6
P32/TXD2/(LED2)
P31/SCLK2/(LED1)
P33/RXD2/(LED3)
P50/INT0
AVSS
(KW6)/P02/SEG2
(KW5)/P01/SEG1
(KW4)/P00/SEG0
(KW3)/P57/SRDY1
P30/SRDY2/(LED0)
P35/TXOUT/(LED5)
P34/INT2/(LED4)
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.


Numéro de pièce similaire - M38C2XMX

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M38C29T-64FPD RENESAS-M38C29T-64FPD Datasheet
44Kb / 1P
   Converter from 100-pin RFS Type Emulator MCU to 64-pin 0.5mm-pitch LQFP (for 38C1, 38C2, 38K0 and 38K2 Group of 38000 Series)
M38C29T-64LCA RENESAS-M38C29T-64LCA Datasheet
36Kb / 1P
   Converter from 100-pin RFS Type Emulator MCU to 64-pin 0.8mm-pitch QFP (for 38C1, 38C2, 38K0 and 38K2 Group of 38000 Series)
M38C29T-ADF RENESAS-M38C29T-ADF Datasheet
1Mb / 10P
   Temporary Target Board
More results

Description similaire - M38C2XMX

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com