Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38C2XMX Fiches technique(PDF) 56 Page - Mitsubishi Electric Semiconductor

No de pièce M38C2XMX
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38C2XMX Fiches technique(HTML) 56 Page - Mitsubishi Electric Semiconductor

Back Button M38C2XMX Datasheet HTML 52Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 53Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 54Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 55Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 56Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 57Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 58Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 59Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 60Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 63 page
background image
56
38C2 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
RAM hold voltage
Power source current
Limits
Parameter
Min.
1.8
Typ.
5.1
1.0
14
6
7
3
0.1
Max.
5.5
7.5
2.0
21
10
12
6
1.0
10
Symbol
Unit
When clock is stopped
Through mode, Vcc = 5 V
f(XIN) = 8 MHz
f(XCIN) = 32.768 kHz
Output transistors “OFF”,
A-D converter in operating
Through mode, Vcc = 5 V
f(XIN) = 8 MHz (in WIT state)
f(XCIN) = 32.768 kHz
Output transistors “OFF”,
A-D converter stopped
Low-speed mode, VCC = 5 V,
Ta
≤ 55 °C
f(XIN) = stopped
f(XCIN) = 32.768 kHz
Output transistors “OFF”
Low-speed mode, VCC = 5 V,
Ta = 25 °C
f(XIN) = stopped
f(XCIN) = 32.768 kHz (in WIT state)
Output transistors “OFF”
Low-speed mode, VCC = 3 V,
Ta
≤ 55 °C
f(XIN) = stopped
f(XCIN) = 32.768 kHz
Output transistors “OFF”
Low-speed mode, VCC = 3 V,
Ta = 25 °C
f(XIN) = stopped
f(XCIN) = 32.768 kHz (in WIT state)
Output transistors “OFF”
All oscillation stopped
(in STP state)
Output transistors “OFF”
Test conditions
VRAM
ICC
V
mA
mA
µA
µA
µA
µA
µA
µA
Ta = 25 °C
Ta = 85 °C
Table 16 Electrical characteristics (Mask ROM version)
(Vcc = 1.8 to 5.5 V, Ta = –20 to 85°C, unless otherwise noted)


Numéro de pièce similaire - M38C2XMX

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M38C29T-64FPD RENESAS-M38C29T-64FPD Datasheet
44Kb / 1P
   Converter from 100-pin RFS Type Emulator MCU to 64-pin 0.5mm-pitch LQFP (for 38C1, 38C2, 38K0 and 38K2 Group of 38000 Series)
M38C29T-64LCA RENESAS-M38C29T-64LCA Datasheet
36Kb / 1P
   Converter from 100-pin RFS Type Emulator MCU to 64-pin 0.8mm-pitch QFP (for 38C1, 38C2, 38K0 and 38K2 Group of 38000 Series)
M38C29T-ADF RENESAS-M38C29T-ADF Datasheet
1Mb / 10P
   Temporary Target Board
More results

Description similaire - M38C2XMX

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com