Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38C2XMX Fiches technique(PDF) 4 Page - Mitsubishi Electric Semiconductor

No de pièce M38C2XMX
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38C2XMX Fiches technique(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M38C2XMX Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38C2XMX Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
4
38C2 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Function except a port function
PIN DESCRIPTION
Table 2 Pin description (2)
Function
Pin
Name
P60/CNTR1
P61/XCIN
P62/XCOUT
CNVSS
I/O port P6
CNVSS
• 3-bit I/O port.
• CMOS compatible input level.
• CMOS 3-state output structure.
• I/O direction register allows each pin to be individually
programmed as either input or output.
• Pull-up control is enabled.
• VPP power input pin in the flash mode. When MCU is operating, connect to VSS.
• Timer Y function pin
• I/O pins for sub-clock generating circuit.
Connect oscillators to them.


Numéro de pièce similaire - M38C2XMX

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M38C29T-64FPD RENESAS-M38C29T-64FPD Datasheet
44Kb / 1P
   Converter from 100-pin RFS Type Emulator MCU to 64-pin 0.5mm-pitch LQFP (for 38C1, 38C2, 38K0 and 38K2 Group of 38000 Series)
M38C29T-64LCA RENESAS-M38C29T-64LCA Datasheet
36Kb / 1P
   Converter from 100-pin RFS Type Emulator MCU to 64-pin 0.8mm-pitch QFP (for 38C1, 38C2, 38K0 and 38K2 Group of 38000 Series)
M38C29T-ADF RENESAS-M38C29T-ADF Datasheet
1Mb / 10P
   Temporary Target Board
More results

Description similaire - M38C2XMX

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com