Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI7866DP Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI7866DP
Description  N-Channel 20-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7866DP Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI7866DP Datasheet HTML 1Page - Vishay Siliconix SI7866DP Datasheet HTML 2Page - Vishay Siliconix SI7866DP Datasheet HTML 3Page - Vishay Siliconix SI7866DP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si7866DP
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71848
S-21412—Rev. B, 05-Aug-02
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
0.8
2.1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
VDS = 16 V, VGS = 0 V
1
m
Zero Gate Voltage Drain Current
IDSS
VDS = 16 V, VGS = 0 V, TJ = 55_C
5
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 10 V
30
A
a
VGS = 10 V, ID = 29 A
0.0020
0.0025
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 25 A
0.0026
0.00375
W
Forward Transconductancea
gfs
VDS = 6 V, ID = 29 A
95
S
Diode Forward Voltagea
VSD
IS = 4.5 A, VGS = 0 V
0.68
1.1
V
Dynamicb
Total Gate Charge
Qg
40
60
Gate-Source Charge
Qgs
VDS = 10 V, VGS = 4.5 V, ID = 29 A
15
nC
Gate-Drain Charge
Qgd
11
Gate Resistance
Rg
1.2
W
Turn-On Delay Time
td(on)
70
100
Rise Time
tr
VDD = 10 V, RL = 10 W
60
90
Turn-Off Delay Time
td(off)
VDD = 10 V, RL = 10 W
ID ^ 1 A, VGEN = 4.5 V, RG = 6 W
105
160
ns
Fall Time
tf
55
85
Source-Drain Reverse Recovery Time
trr
IF = 2.9 A, di/dt = 100 A/ms
65
100
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
10
20
30
40
50
60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
10
20
30
40
50
60
012345
VGS = 10 thru 3 V
25
_C
TC = 125_C
-55
_C
Output Characteristics
Transfer Characteristics
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)


Numéro de pièce similaire - SI7866DP

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7866ADP VISHAY-SI7866ADP Datasheet
151Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. C, 03-Mar-08
SI7866ADP VISHAY-SI7866ADP Datasheet
304Kb / 13P
   N-Channel 20-V (D-S) MOSFET
Rev. C, 03-Mar-08
SI7866ADP VISHAY-SI7866ADP Datasheet
303Kb / 13P
   N-Channel 20-V (D-S) MOSFET
01-Jan-2022
SI7866ADP VISHAY-SI7866ADP_17 Datasheet
304Kb / 13P
   N-Channel 20-V (D-S) MOSFET
Rev. C, 03-Mar-08
SI7866ADP VISHAY-SI7866ADP_V01 Datasheet
303Kb / 13P
   N-Channel 20-V (D-S) MOSFET
01-Jan-2022
More results

Description similaire - SI7866DP

FabricantNo de pièceFiches techniqueDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com