Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD103CWS Fiches technique(PDF) 1 Page - SUNMATE electronic Co., LTD

No de pièce SD103CWS
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNMATE [SUNMATE electronic Co., LTD]
Site Internet  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SD103CWS Fiches technique(HTML) 1 Page - SUNMATE electronic Co., LTD

  SD103CWS Datasheet HTML 1Page - SUNMATE electronic Co., LTD SD103CWS Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SD103AWS - SD103CWS
SURFACE MOUNT SCHOTTKY BARRIER DIODE
!
Low Turn-on Voltage
!
!
PN Junction Guard Ring for Transient and
ESD Protection
!
!
                 
!
Case: SOD-323, Molded Plastic
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.004 grams (approx.)
!
Characteristic
Symbol
SD103AWS
SD103BWS
SD103CWS
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
30
20
V
Forward Continuous Current (Note 1)
IF
350
mA
Non-Repetitive Peak Forward Surge Current
@ t < 1.0s
IFSM
2.0
A
Power Dissipation (Note 1)
Pd
200
mW
Typical Thermal Resistance, Junction to Ambient Air (Note 1)
RJA
625
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +125
°C
Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
All Types
Unit
Test Condition
Reverse Breakdown Voltage
SD103AWS
SD103BWS
SD103CWS
V(BR)R
40
30
20
V
@ IR = 10µA, tp < 300µS
Forward Voltage Drop
VFM
0.37
0.60
V
@ IF = 20mA
@ IF = 200mA
Peak Reverse Leakage Current
IRM
5.0
µA
@ Rated DC Blocking Voltage
Typical Junction Capacitance
Cj
50
pF
VR = 0V, f = 1.0MHz
Typical Reverse Recovery Time
trr
10
nS
IF = IR = 200mA
IRR = 0.1 x IR, RL = 100

Note: 1. Valid provided that terminals are kept at ambient temperature.
SOD-323
Dim
Min
Max
A
2.30
2.70
B
1.75
1.95
C
1.15
1.35
D
0.25
0.35
E
0.05
0.15
G
0.70
0.95
H
0.30
All Dimensions in mm
G
A
C
E
H
D
B
Maximum Ratings @ TA = 25°C unless otherwise specified
Features
Mechanical Data
Fast Switching
Designed for Surface Mount Application
Plastic Material – UL Recognition Flammability
Classification 94V-O
Marking: SD103AWS S6
1 of 2
www.sunmate.tw
SD103BWS S7
SD103CWS S8


Numéro de pièce similaire - SD103CWS

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
SD103CWS PANJIT-SD103CWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Microdiode Electronics ...
SD103CWS CHENDA-SD103CWS Datasheet
316Kb / 3P
   Schottky Barrier Diode
logo
SEMTECH ELECTRONICS LTD...
SD103CWS SEMTECH_ELEC-SD103CWS Datasheet
212Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Dongguan Pingjingsemi T...
SD103CWS PJSEMI-SD103CWS Datasheet
714Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
Shenzhen Luguang Electr...
SD103CWS LUGUANG-SD103CWS Datasheet
184Kb / 2P
   Surface Mount Schottky Barrier Diode
More results

Description similaire - SD103CWS

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com