Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38B79MFH Fiches technique(PDF) 2 Page - Mitsubishi Electric Semiconductor

No de pièce M38B79MFH
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER????
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38B79MFH Fiches technique(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M38B79MFH Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M38B79MFH Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M38B79MFH Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M38B79MFH Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38B79MFH Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38B79MFH Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38B79MFH Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38B79MFH Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38B79MFH Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 109 page
background image
38B7 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to
change.
2
Fig. 1 Pin configuration of M38B79MFH-XXXXFP
PIN CONFIGURATION (TOP VIEW)
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
M38B79MFH-XXXXFP
*P47/FLD39
VEE
*P46/FLD38
PB5/SOUT1
PB4/SCLK11
PB3/SSTB1
PA6/AN6
PA7/AN7
VREF
AVSS
PB2/SBUSY1
P71/INT1
P70/INT0
PB0/SCLK12/DA
PB1/SRDY1
*P20/FLD0
*P21/FLD1
*P22/FLD2
*P23/FLD3
*P24/FLD4
*P25/FLD5
*P26/FLD6
*P27/FLD7
PB6/SIN1
*P51/FLD41
*P50/FLD40
*P53/FLD43
*P52/FLD42
*P55/FLD45
*P54/FLD44
*P57/FLD47
*P56/FLD46
*P61/FLD49
*P60/FLD48
*P63/FLD51
*P62/FLD50
P65/TxD/FLD53
P64/RxD/FLD52
P67/SRDY2/SCLK22/FLD55
P66/SCLK21/FLD54
Package type: 100P6S-A
*High-breakdown-voltage output port: Totaling 52


Numéro de pièce similaire - M38B79MFH

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M38B79MFH MITSUBISHI-M38B79MFH Datasheet
1Mb / 109P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B79MFH-A055 MITSUBISHI-M38B79MFH-A055 Datasheet
1Mb / 109P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B79MFH-A055FP MITSUBISHI-M38B79MFH-A055FP Datasheet
1Mb / 109P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B79MFH-A154FP MITSUBISHI-M38B79MFH-A154FP Datasheet
1Mb / 109P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38B79MFH-A157FP MITSUBISHI-M38B79MFH-A157FP Datasheet
1Mb / 109P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Description similaire - M38B79MFH

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com