Moteur de recherche de fiches techniques de composants électroniques |
|
M38B79MFH Fiches technique(PDF) 4 Page - Mitsubishi Electric Semiconductor |
|
M38B79MFH Fiches technique(HTML) 4 Page - Mitsubishi Electric Semiconductor |
4 / 109 page 38B7 Group SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS PRELIMINAR Y Notice: This is not a final specification. Some parametric limits are subject to change. 4 Table 1 Pin description (1) Pin Name Function VCC, VSS Power source • Apply voltage of 4.0–5.5 V to VCC , and 0 V to VSS. CNVSS CNVSS • Connect to VSS. • VPP power input pin in flash memory mode. VEE Pull-down • Apply voltage supplied to pull-down resistors of ports P0, P1, P2 and P3. power source VREF Reference voltage • Reference voltage input pin for A-D converter. AVSS Analog power • Analog power source input pin for A-D converter. source • Connect to VSS. ______ RESET Reset input • Reset input pin for active “L”. XIN Clock input • Input and output pins for the main clock generating circuit. • Feedback resistor is built in between XIN pin and XOUT pin. • Connect a ceramic resonator or quartz-crystal oscillator between the XIN and XOUT pins to set the XOUT Clock output oscillation frequency. • When an external clock is used, connect the clock source to the XIN pin and leave the XOUT pin open. • The clock is used as the oscillating source of system clock. P00/FLD8– Output port P0 • 8-bit output port. • FLD automatic display P07/FLD15 • High-breakdown-voltage P-channel open-drain output structure. pins • A pull-down resistor is built in between port P0 and the VEE pin. • At reset, this port is set to VEE level. P10/FLD16– I/O port P1 • 8-bit I/O port. • FLD automatic display P17/FLD23 • I/O direction register allows each pin to be individually programmed as either pins input or output. • At reset, this port is set to input mode. • Low-voltage input level. • High-breakdown-voltage P-channel open-drain output structure. • A pull-down resistor is built in between port P1 and the VEE pin. • At reset, this port is set to VEE level. P20/FLD0– Output port P2 • 8-bit output port with the same function as port P0. • FLD automatic display P27/FLD7 • High-breakdown-voltage P-channel open-drain output structure. pins • A pull-down resistor is built in between port P2 and the VEE pin. • At reset, this port is set to VEE level. P30/FLD24– I/O port P3 • 8-bit I/O port with the same function as port P1. • FLD automatic display P37/FLD31 • Low-voltage input level. pins • High-breakdown-voltage P-channel open-drain output structure. • A pull-down resistor is built in between port P3 and the VEE pin. • At reset, this port is set to VEE level. P40/FLD32– I/O port P4 • 8-bit I/O port with the same function as port P1. • FLD automatic display P47/FLD39 • Low-voltage input level. pins • High-breakdown-voltage P-channel open-drain output structure. • A pull-down resistor is not built in between port P4 and the VEE pin. P50/FLD40– I/O port P5 • 8-bit I/O port with the same function as port P1. • FLD automatic display P57/FLD47 • Low-voltage input level. pins • High-breakdown-voltage P-channel open-drain output structure. • A pull-down resistor is not built in between port P5 and the VEE pin. P60/FLD48– I/O port P6 • 4-bit I/O port with the same function as port P1. • FLD automatic display P63/FLD51 • Low-voltage input level. pins • High-breakdown-voltage P-channel open-drain output structure. • A pull-down resistor is not built in between port P6 and the VEE pin. Function except a port function |
Numéro de pièce similaire - M38B79MFH |
|
Description similaire - M38B79MFH |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |