Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM7560C Fiches technique(PDF) 2 Page - Analog Power

No de pièce AM7560C
Description  N & P-Channel 60-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANALOGPOWER [Analog Power]
Site Internet  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7560C Fiches technique(HTML) 2 Page - Analog Power

  AM7560C Datasheet HTML 1Page - Analog Power AM7560C Datasheet HTML 2Page - Analog Power AM7560C Datasheet HTML 3Page - Analog Power AM7560C Datasheet HTML 4Page - Analog Power AM7560C Datasheet HTML 5Page - Analog Power AM7560C Datasheet HTML 6Page - Analog Power AM7560C Datasheet HTML 7Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Analog Power
AM7560C
Parameter
Symbol Test Conditions
Min
Typ
Max
Unit
VDS = VGS, ID = 250 uA
(Nch)
1
V
VDS = VGS, ID = -250 uA
(Pch)
-1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
VDS = 48 V, VGS = 0 V
(Nch)
1
VDS = -48 V, VGS = 0 V
(Pch)
-1
VDS = 5 V, VGS = 10 V
(Nch)
10
A
VDS = -5 V, VGS = 10 V
(Pch)
-7.5
A
VGS = 10 V, ID = 7 A
(Nch)
22
VGS = 4.5 V, ID = 5.6 A
(Nch)
26
VGS = -10 V, ID = -5 A
(Pch)
42
VGS = -4.5 V, ID = -4 A
(Pch)
52
VDS = 15 V, ID = 7 A
(Nch)
8
S
VDS = -15 V, ID = -5 A
(Pch)
7
S
IS = 1.7 A, VGS = 0 V
(Nch)
0.72
V
IS = -1.6 A, VGS = 0 V
(Pch)
-0.76
V
Total Gate Charge
Qg
16
Gate-Source Charge
Qgs
4
Gate-Drain Charge
Qgd
8
Turn-On Delay Time
td(on)
8
Rise Time
tr
11
Turn-Off Delay Time
td(off)
48
Fall Time
tf
14
Input Capacitance
Ciss
1465
Output Capacitance
Coss
126
Reverse Transfer Capacitance
Crss
114
Total Gate Charge
Qg
20
Gate-Source Charge
Qgs
6
Gate-Drain Charge
Qgd
8
Turn-On Delay Time
td(on)
6
Rise Time
tr
14
Turn-Off Delay Time
td(off)
73
Fall Time
tf
27
Input Capacitance
Ciss
1817
Output Capacitance
Coss
129
Reverse Transfer Capacitance
Crss
111
On-State Drain Current
a
Drain-Source On-Resistance
a
Gate-Source Threshold Voltage
Zero Gate Voltage Drain Current
Diode Forward Voltage
a
Dynamic
b
nC
N - Channel
VDS = 30 V, RL = 4.3 Ω,
ID = 7 A,
VGEN = 10 V, RGEN = 6 Ω
ns
Static
Electrical Characteristics
Forward Transconductance
a
gfs
VGS(th)
ID(on)
IDSS
rDS(on)
VSD
N - Channel
VDS = 30 V, VGS = 4.5 V,
ID = 7 A
P - Channel
VDS = -30 V, VGS = -4.5 V,
ID = -5 A
uA
P - Channel
VDS = -15 V, VGS = 0 V, f = 1 Mhz
pF
N - Channel
VDS = 15 V, VGS = 0 V, f = 1 Mhz
pF
nC
P - Channel
VDS = -30 V, RL = 6 Ω,
ID = -5 A,
VGEN = -10 V, RGEN = 6 Ω
ns
© Preliminary
2
Publication Order Number:
DS_AM7560C_1A


Numéro de pièce similaire - AM7560C

FabricantNo de pièceFiches techniqueDescription
logo
Analog Power
AM7500C ANALOGPOWER-AM7500C Datasheet
488Kb / 7P
   P & N-Channel 150-V (D-S)
AM7510C ANALOGPOWER-AM7510C Datasheet
506Kb / 7P
   N & P-Channel 100-V (D-S) MOSFET
logo
AiT Semiconductor Inc.
AM7520 AITSEMI-AM7520 Datasheet
710Kb / 10P
   N-CHANNEL ENHANCEMENT MODE
REV1.0
AM7520J8R AITSEMI-AM7520J8R Datasheet
710Kb / 10P
   N-CHANNEL ENHANCEMENT MODE
REV1.0
AM7520J8VR AITSEMI-AM7520J8VR Datasheet
710Kb / 10P
   N-CHANNEL ENHANCEMENT MODE
REV1.0
More results

Description similaire - AM7560C

FabricantNo de pièceFiches techniqueDescription
logo
Analog Power
AM4560C ANALOGPOWER-AM4560C Datasheet
477Kb / 7P
   N & P-Channel 60-V (D-S) MOSFET
logo
ACE Technology Co., LTD...
ACE4562M ACE-ACE4562M Datasheet
1Mb / 9P
   N & P-Channel 60-V (D-S) MOSFET
VER 1.1
logo
Analog Power
AM4562C ANALOGPOWER-AM4562C Datasheet
404Kb / 7P
   N & P-Channel 60-V (D-S) MOSFET
AM4599C ANALOGPOWER-AM4599C Datasheet
494Kb / 7P
   N & P-Channel 60-V (D-S) MOSFET
AM3560C ANALOGPOWER-AM3560C Datasheet
497Kb / 7P
   N & P-Channel 60-V (D-S) MOSFET
AMD560C ANALOGPOWER-AMD560C Datasheet
389Kb / 7P
   N & P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI4559ADY VISHAY-SI4559ADY_09 Datasheet
275Kb / 15P
   N- and P-Channel 60-V (D-S) MOSFET
Rev. B, 09-Mar-09
logo
VBsemi Electronics Co.,...
IRF7343TRPBF VBSEMI-IRF7343TRPBF Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
UTM4052L-S08-R VBSEMI-UTM4052L-S08-R Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
P3304QV VBSEMI-P3304QV Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com