Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX83C6V8RL Fiches technique(PDF) 1 Page - Motorola, Inc

No de pièce BZX83C6V8RL
Description  500 mW DO-35 Glass Zener Voltage Regulator Diodes
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BZX83C6V8RL Fiches technique(HTML) 1 Page - Motorola, Inc

  BZX83C6V8RL Datasheet HTML 1Page - Motorola, Inc BZX83C6V8RL Datasheet HTML 2Page - Motorola, Inc BZX83C6V8RL Datasheet HTML 3Page - Motorola, Inc BZX83C6V8RL Datasheet HTML 4Page - Motorola, Inc BZX83C6V8RL Datasheet HTML 5Page - Motorola, Inc BZX83C6V8RL Datasheet HTML 6Page - Motorola, Inc BZX83C6V8RL Datasheet HTML 7Page - Motorola, Inc BZX83C6V8RL Datasheet HTML 8Page - Motorola, Inc BZX83C6V8RL Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
MOTOROLA
SEMICONDUCTOR
TECHNICAL DATA
Motorola TVS/Zener Device Data
6-97
500 mW DO-35 Glass Data Sheet
500 mW DO-35 Glass
Zener Voltage Regulator Diodes
GENERAL DATA APPLICABLE TO ALL SERIES IN
THIS GROUP
500 Milliwatt
Hermetically Sealed
Glass Silicon Zener Diodes
Specification Features:
Complete Voltage Range — 1.8 to 200 Volts
DO-204AH Package — Smaller than Conventional DO-204AA Package
Double Slug Type Construction
Metallurgically Bonded Construction
Mechanical Characteristics:
CASE: Double slug type, hermetically sealed glass
MAXIMUM LEAD TEMPERATURE FOR SOLDERING PURPOSES: 230
°C, 1/16″ from
case for 10 seconds
FINISH: All external surfaces are corrosion resistant with readily solderable leads
POLARITY: Cathode indicated by color band. When operated in zener mode, cathode
will be positive with respect to anode
MOUNTING POSITION: Any
WAFER FAB LOCATION: Phoenix, Arizona
ASSEMBLY/TEST LOCATION: Seoul, Korea
MAXIMUM RATINGS (Motorola Devices)*
Rating
Symbol
Value
Unit
DC Power Dissipation and TL ≤ 75°C
Lead Length = 3/8
Derate above TL = 75°C
PD
500
4
mW
mW/
°C
Operating and Storage Temperature Range
TJ, Tstg
– 65 to +200
°C
* Some part number series have lower JEDEC registered ratings.
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
20
40
60
80
100
120
140
160
180 200
TL, LEAD TEMPERATURE (°C)
Figure 1. Steady State Power Derating
HEAT
SINKS
3/8”
3/8”
GENERAL
DATA
CASE 299
DO-204AH
GLASS
500 mW
DO-35 GLASS
GLASS ZENER DIODES
500 MILLIWATTS
1.8–200 VOLTS


Numéro de pièce similaire - BZX83C6V8RL

FabricantNo de pièceFiches techniqueDescription
logo
Continental Device Indi...
BZX83C6V8 CDIL-BZX83C6V8 Datasheet
223Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
New Jersey Semi-Conduct...
BZX83C6V8 NJSEMI-BZX83C6V8 Datasheet
132Kb / 2P
   SILIICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX83C6V8 SEMTECH_ELEC-BZX83C6V8 Datasheet
162Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
More results

Description similaire - BZX83C6V8RL

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MZ4625 MOTOROLA-MZ4625 Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
1N4370A MOTOROLA-1N4370A Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Microsemi Corporation
1N5518B MICROSEMI-1N5518B Datasheet
324Kb / 3P
   Low Voltage Avalanche 500 mW Zener Diodes DO-35
logo
Tak Cheong Electronics ...
TCZX2V0 TAK_CHEONG-TCZX2V0 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5985B TAK_CHEONG-TC1N5985B Datasheet
93Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC2V0 TAK_CHEONG-TC2V0 Datasheet
171Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79C2V0 TAK_CHEONG-TCBZX79C2V0 Datasheet
180Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N957B TAK_CHEONG-1N957B_10 Datasheet
295Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com