Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5506-BSZ Fiches technique(PDF) 3 Page - Cirrus Logic

No de pièce CS5506-BSZ
Description  VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5506-BSZ Fiches technique(HTML) 3 Page - Cirrus Logic

  CS5506-BSZ Datasheet HTML 1Page - Cirrus Logic CS5506-BSZ Datasheet HTML 2Page - Cirrus Logic CS5506-BSZ Datasheet HTML 3Page - Cirrus Logic CS5506-BSZ Datasheet HTML 4Page - Cirrus Logic CS5506-BSZ Datasheet HTML 5Page - Cirrus Logic CS5506-BSZ Datasheet HTML 6Page - Cirrus Logic CS5506-BSZ Datasheet HTML 7Page - Cirrus Logic CS5506-BSZ Datasheet HTML 8Page - Cirrus Logic CS5506-BSZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
ANALOG CHARACTERISTICS (TA = TMIN to TMAX; VA+ = 5V ± 10%; VA- = -5V ± 10%; VD+ =
3.3V
± 5%; VREF+ = 2.5V (external); VREF- = 0V; fCLK = 32.768kHz; Bipolar Mode; Rsource = 1kΩ with a
10nF to AGND at AIN; Analog input channel AIN1+; AIN- = AGND; unless otherwise specified.) (Notes 1, 2)
CS5506/8-B
CS5508-S
Parameter*
Min
Typ
Max
Min
Typ
Max
Units
Specified Temperature Range
-40 to +85
-55 to +125
°C
Accuracy
Linearity Error
-
0.0007
0.0015
-
0.0015
0.003
±%FS
Differential Nonlinearity
(No Missing Codes)
20
-
-
20
-
-
Bits
Full Scale Error
(Note 3)
-
±4
±32
-
±8
±32
LSB20
Full Scale Drift
(Note 4)
-
±8
-
-
±32
-
LSB20
Unipolar Offset
(Note 3)
-
±8
±32
-
±16
±64
LSB20
Unipolar Offset Drift
(Note 4)
-
±8
-
-
±16
-
LSB20
Bipolar Offset
(Note 3)
-
±4
±16
-
±8
±32
LSB20
Bipolar Offset Drift
(Note 4)
-
±4
-
-
±8
-
LSB20
Noise (Referred to Output)
-
2.6
-
-
2.6
-
LSB-
rms20
Unipolar Mode
Bipolar Mode
mV
LSB’s
% FS
ppm FS
LSB’s
% FS
ppm FS
0.596
0.25
0.0000238
0.24
0.13
0.0000119
0.12
1.192
0.50
0.0000477
0.47
0.26
0.0000238
0.24
2.384
1.00
0.0000954
0.95
0.50
0.0000477
0.47
4.768
2.00
0.0001907
1.91
1.00
0.0000954
0.95
9.537
4.00
0.0003814
3.81
2.00
0.0001907
1.91
VREF = 2.5V
CS5506/8; 20-Bit Unit Conversion Factors
DYNAMIC CHARACTERISTICS
Parameter
Symbol
Ratio
Units
Modulator Sampling Frequency
fs
fclk/2
Hz
Output Update Rate (CONV = 1)
fout
fclk/1622
Sps
Filter Corner Frequency
f-3dB
fclk/1928
Hz
Settling Time to 1
2 LSB (FS Step)
ts
1/fout
s
CS5505/6/7/8
DS59F4
3
CS5505/6/7/8
DS59F5
3


Numéro de pièce similaire - CS5506-BSZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5506-BSZ CIRRUS-CS5506-BSZ Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
CS5506-BSZ CIRRUS-CS5506-BSZ Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
More results

Description similaire - CS5506-BSZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5505_0910 CIRRUS-CS5505_0910 Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
CS5505 CIRRUS-CS5505_09 Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
CS5516 CIRRUS-CS5516 Datasheet
923Kb / 41P
   16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
logo
Rohm
BU7858KN ROHM-BU7858KN_07 Datasheet
1Mb / 25P
   Mixer & Selector With 16bit D/A Converters
logo
Asahi Kasei Microsystem...
AKD4550-E AKM-AKD4550-E Datasheet
774Kb / 26P
   16bit A/D and D/A converter
logo
API Technologies Corp
MN5250 APITECH-MN5250 Datasheet
854Kb / 4P
   Low-Power CMOS, 12-bit A/D Converters
logo
DATEL, Inc.
DAC-1412 DATEL-DAC-1412 Datasheet
438Kb / 6P
   14-Bit, 125MSPS, Low-Power D/A Converters
DAC-0812 DATEL-DAC-0812 Datasheet
624Kb / 7P
   8-Bit, 125MSPS, Low-Power D/A Converters
DAC-1212 DATEL-DAC-1212 Datasheet
525Kb / 7P
   12-Bit, 125MSPS, Low-Power D/A Converters
DAC-1225 DATEL-DAC-1225 Datasheet
435Kb / 6P
   12-Bit, 250MSPS, Low-Power D/A Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com