Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS5506-BSZ Fiches technique(PDF) 1 Page - Cirrus Logic

No de pièce CS5506-BSZ
Description  VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5506-BSZ Fiches technique(HTML) 1 Page - Cirrus Logic

  CS5506-BSZ Datasheet HTML 1Page - Cirrus Logic CS5506-BSZ Datasheet HTML 2Page - Cirrus Logic CS5506-BSZ Datasheet HTML 3Page - Cirrus Logic CS5506-BSZ Datasheet HTML 4Page - Cirrus Logic CS5506-BSZ Datasheet HTML 5Page - Cirrus Logic CS5506-BSZ Datasheet HTML 6Page - Cirrus Logic CS5506-BSZ Datasheet HTML 7Page - Cirrus Logic CS5506-BSZ Datasheet HTML 8Page - Cirrus Logic CS5506-BSZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1
Copyright
© Cirrus Logic, Inc. 1997
(All Rights Reserved)
Cirrus Logic, Inc.
Crystal Semiconductor Products Division
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
CS5505/6/7/8
Very Low Power, 16-Bit and 20-Bit A/D Converters
Features
l Very Low Power Consumption
- Single supply +5 V operation: 1.7 mW
- Dual supply ±5 V operation: 3.2 mW
l Offers superior performance to VFCs and
multi-slope integrating ADCs
l Differential Inputs
- Single Channel (CS5507/8) and Four-Channel
(CS5505/6) pseudo-differential versions
l Either 5 V or 3.3 V Digital Interface
l Linearity Error:
- ±0.0015% FS (16-bit CS5505/7)
- ±0.0007% FS (20-bit CS5506/8)
l Output update rates up to 100 Sps
l Flexible Serial Port
l Pin-Selectable Unipolar/Bipolar Ranges
Description
The CS5505/6/7/8 are a family of low power CMOS A/D
converters which are ideal for measuring low-frequency
signals representing physical, chemical, and biological
processes.
The CS5507/8 have single-channel differential analog
and reference inputs while the CS5505/6 have four
pseudo-differential
analog
input
channels.
The
CS5505/7 have a 16-bit output word. The CS5506/8
have a 20-bit output word.The CS5505/6/7/8 sample
upon command up to 100 Sps.
The on-chip digital filter offers superior line rejection at
50 and 60 Hz when the device is operated from a
32.768 kHz clock (output word rate = 20 Sps).
The CS5505/6/7/8 include on-chip self-calibration cir-
cuitry which can be initiated at any time or temperature
to ensure minimum offset and full-scale errors.
The CS5505/6/7/8 serial port offers two general-purpose
modes for the direct interface to shift registers or syn-
chronous
serial
ports
of
industry-standard
microcontrollers.
ORDERING INFORMATION
See page 30.
I
&6
'*1'
9'
6&/.
6'$7$
'5'<
&$/
%383
&219 ;,1
$,1










$,1


;287


9$

9$

08;
WK2UGHU
'HOWD6LJPD
0RGXODWRU
'LJLWDO
)LOWHU
&DOLEUDWLRQ µ&
6HULDO
,QWHUIDFH
/RJLF
26&
&DOLEUDWLRQ 65$0
'LIIHUHQWLDO
$

$

$,1
$,1

$,1
95()

95()

9ROWDJH5HIHUHQFH
95()287

06/3

&6 %,7 $1' &6 %,7 6+2:1
MAR ‘95
DS59F4
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
CS5505/6/7/8
Very Low-power, 16-bit & 20-bit A/D Converters
AUG ‘05
DS59F5
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
CDB5505/6/7/8
Evaluation Board for CS5505/6/7/8 Series of ADCs
AUG ‘05
DS59DB3
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
CS5505/6/7/8
Very Low-power, 16-bit & 20-bit A/D Converters
AUG ‘05
DS59F5


Numéro de pièce similaire - CS5506-BSZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5506-BSZ CIRRUS-CS5506-BSZ Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
CS5506-BSZ CIRRUS-CS5506-BSZ Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
More results

Description similaire - CS5506-BSZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5505_0910 CIRRUS-CS5505_0910 Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
CS5505 CIRRUS-CS5505_09 Datasheet
1Mb / 40P
   Very Low Power, 16-Bit and 20-Bit A/D Converters
CS5516 CIRRUS-CS5516 Datasheet
923Kb / 41P
   16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
logo
Rohm
BU7858KN ROHM-BU7858KN_07 Datasheet
1Mb / 25P
   Mixer & Selector With 16bit D/A Converters
logo
Asahi Kasei Microsystem...
AKD4550-E AKM-AKD4550-E Datasheet
774Kb / 26P
   16bit A/D and D/A converter
logo
API Technologies Corp
MN5250 APITECH-MN5250 Datasheet
854Kb / 4P
   Low-Power CMOS, 12-bit A/D Converters
logo
DATEL, Inc.
DAC-1412 DATEL-DAC-1412 Datasheet
438Kb / 6P
   14-Bit, 125MSPS, Low-Power D/A Converters
DAC-0812 DATEL-DAC-0812 Datasheet
624Kb / 7P
   8-Bit, 125MSPS, Low-Power D/A Converters
DAC-1212 DATEL-DAC-1212 Datasheet
525Kb / 7P
   12-Bit, 125MSPS, Low-Power D/A Converters
DAC-1225 DATEL-DAC-1225 Datasheet
435Kb / 6P
   12-Bit, 250MSPS, Low-Power D/A Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com