Moteur de recherche de fiches techniques de composants électroniques |
|
BZX55C43RL Fiches technique(PDF) 1 Page - Motorola, Inc |
|
BZX55C43RL Fiches technique(HTML) 1 Page - Motorola, Inc |
1 / 42 page MOTOROLA SEMICONDUCTOR TECHNICAL DATA Motorola TVS/Zener Device Data 6-97 500 mW DO-35 Glass Data Sheet 500 mW DO-35 Glass Zener Voltage Regulator Diodes GENERAL DATA APPLICABLE TO ALL SERIES IN THIS GROUP 500 Milliwatt Hermetically Sealed Glass Silicon Zener Diodes Specification Features: • Complete Voltage Range — 1.8 to 200 Volts • DO-204AH Package — Smaller than Conventional DO-204AA Package • Double Slug Type Construction • Metallurgically Bonded Construction Mechanical Characteristics: CASE: Double slug type, hermetically sealed glass MAXIMUM LEAD TEMPERATURE FOR SOLDERING PURPOSES: 230 °C, 1/16″ from case for 10 seconds FINISH: All external surfaces are corrosion resistant with readily solderable leads POLARITY: Cathode indicated by color band. When operated in zener mode, cathode will be positive with respect to anode MOUNTING POSITION: Any WAFER FAB LOCATION: Phoenix, Arizona ASSEMBLY/TEST LOCATION: Seoul, Korea MAXIMUM RATINGS (Motorola Devices)* Rating Symbol Value Unit DC Power Dissipation and TL ≤ 75°C Lead Length = 3/8 ″ Derate above TL = 75°C PD 500 4 mW mW/ °C Operating and Storage Temperature Range TJ, Tstg – 65 to +200 °C * Some part number series have lower JEDEC registered ratings. 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 20 40 60 80 100 120 140 160 180 200 TL, LEAD TEMPERATURE (°C) Figure 1. Steady State Power Derating HEAT SINKS 3/8” 3/8” GENERAL DATA CASE 299 DO-204AH GLASS 500 mW DO-35 GLASS GLASS ZENER DIODES 500 MILLIWATTS 1.8–200 VOLTS |
Numéro de pièce similaire - BZX55C43RL |
|
Description similaire - BZX55C43RL |