Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM90P06-20P Fiches technique(PDF) 1 Page - Analog Power

No de pièce AM90P06-20P
Description  P-Channel 60-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANALOGPOWER [Analog Power]
Site Internet  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM90P06-20P Fiches technique(HTML) 1 Page - Analog Power

  AM90P06-20P Datasheet HTML 1Page - Analog Power AM90P06-20P Datasheet HTML 2Page - Analog Power AM90P06-20P Datasheet HTML 3Page - Analog Power AM90P06-20P Datasheet HTML 4Page - Analog Power AM90P06-20P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM90P06-20P
P-Channel 60-V (D-S) MOSFET
VDS (V)
ID (A)
Symbol
Limit
Units
VDS
-60
VGS
±20
Continuous Drain Current
a
TC=25°C
ID
-90
IDM
-360
TC=25°C
IS
-90
A
Power Dissipation
a
TC=25°C
PD
300
W
TJ, Tstg
-55 to 175
°C
Symbol
Maximum
Units
RθJA
62.5
RθJC
0.5
Notes
a.
Package Limited
b.
Pulse width limited by maximum junction temperature
c.
Surface Mounted on 1” x 1” FR4 Board.
Pulsed Drain Current
b
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
PRODUCT SUMMARY
-60
Maximum Junction-to-Ambient
c
Maximum Junction-to-Case
Continuous Source Current (Diode Conduction)
a
Gate-Source Voltage
rDS(on) (mΩ)
20 @ VGS = -10V
28 @ VGS = -4.5V
-90
a
A
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
DRAIN
connected
to TAB
© Preliminary
1
Publication Order Number:
DS_AM90P06-20P_1A


Numéro de pièce similaire - AM90P06-20P

FabricantNo de pièceFiches techniqueDescription
logo
Analog Power
AM90P06-20B ANALOGPOWER-AM90P06-20B Datasheet
367Kb / 5P
   P-Channel 60-V (D-S) MOSFET
More results

Description similaire - AM90P06-20P

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Nov-03
logo
Bruckewell Technology L...
MSD30P06 BWTECH-MSD30P06 Datasheet
544Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM90P06-20B ANALOGPOWER-AM90P06-20B Datasheet
367Kb / 5P
   P-Channel 60-V (D-S) MOSFET
AM30P06-40D ANALOGPOWER-AM30P06-40D Datasheet
350Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. D, 29-Nov-99
logo
Analog Power
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
   P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 12-Dec-05
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
   P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com