Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD54HCT259 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD54HCT259
Description  High-Speed CMOS Logic 8-Bit Addressable Latch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD54HCT259 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button CD54HCT259 Datasheet HTML 4Page - Texas Instruments CD54HCT259 Datasheet HTML 5Page - Texas Instruments CD54HCT259 Datasheet HTML 6Page - Texas Instruments CD54HCT259 Datasheet HTML 7Page - Texas Instruments CD54HCT259 Datasheet HTML 8Page - Texas Instruments CD54HCT259 Datasheet HTML 9Page - Texas Instruments CD54HCT259 Datasheet HTML 10Page - Texas Instruments CD54HCT259 Datasheet HTML 11Page - Texas Instruments CD54HCT259 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FIGURE 7. HC THREE-STATE PROPAGATION DELAY
WAVEFORM
FIGURE 8. HCT THREE-STATE PROPAGATION DELAY
WAVEFORM
NOTE:
Open drain waveforms tPLZ and tPZL are the same as those for three-state shown on the left. The test circuit is Output RL =1kΩ to
VCC, CL = 50pF.
FIGURE 9. HC AND HCT THREE-STATE PROPAGATION DELAY TEST CIRCUIT
Test Circuits and Waveforms (Continued)
50%
10%
90%
GND
VCC
10%
90%
50%
50%
OUTPUT
DISABLE
OUTPUT LOW
TO OFF
OUTPUT HIGH
TO OFF
OUTPUTS
ENABLED
OUTPUTS
DISABLED
OUTPUTS
ENABLED
6ns
6ns
tPZH
tPHZ
tPZL
tPLZ
0.3
2.7
GND
3V
10%
90%
1.3V
1.3V
OUTPUT
DISABLE
OUTPUT LOW
TO OFF
OUTPUT HIGH
TO OFF
OUTPUTS
ENABLED
OUTPUTS
DISABLED
OUTPUTS
ENABLED
tr
6ns
tPZH
tPHZ
tPZL
tPLZ
6ns
tf
1.3
IC WITH
THREE-
STATE
OUTPUT
OTHER
INPUTS
TIED HIGH
OR LOW
OUTPUT
DISABLE
VCC FOR tPLZ AND tPZL
GND FOR tPHZ AND tPZH
OUTPUT
RL = 1kΩ
CL
50pF
CD54HC259, CD74HC259, CD54HCT259, CD74HCT259


Numéro de pièce similaire - CD54HCT259

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54HCT259 TI-CD54HCT259 Datasheet
278Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Addressable Latch
CD54HCT259 TI-CD54HCT259 Datasheet
428Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Addressable Latch
CD54HCT259 TI-CD54HCT259 Datasheet
457Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Addressable Latch
CD54HCT259F3A TI-CD54HCT259F3A Datasheet
278Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Addressable Latch
CD54HCT259F3A TI-CD54HCT259F3A Datasheet
428Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Addressable Latch
More results

Description similaire - CD54HCT259

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54HC259 TI-CD54HC259_07 Datasheet
428Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Addressable Latch
DC74HC259 TI-DC74HC259 Datasheet
62Kb / 9P
[Old version datasheet]   High Speed CMOS Logic 8-Bit Addressable Latch
CD54HC259 TI-CD54HC259_08 Datasheet
457Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Addressable Latch
CD54HC259 TI-CD54HC259_06 Datasheet
278Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Bit Addressable Latch
CD4099BE TI-CD4099BE Datasheet
969Kb / 17P
[Old version datasheet]   CMOS 8-Bit Addressable Latch
CD4724BE TI-CD4724BE Datasheet
437Kb / 10P
[Old version datasheet]   CMOS 8-Bit Addressable Latch
logo
Renesas Technology Corp
CD4099BMS RENESAS-CD4099BMS Datasheet
409Kb / 10P
   CMOS 8-Bit Addressable Latch
December 1992
logo
Intersil Corporation
CD4724BMS INTERSIL-CD4724BMS Datasheet
109Kb / 10P
   CMOS 8-Bit Addressable Latch
December 1992
logo
Texas Instruments
CD4099B TI-CD4099B_12 Datasheet
969Kb / 17P
[Old version datasheet]   CMOS 8-BIT ADDRESSABLE LATCH
CD4724B TI-CD4724B Datasheet
262Kb / 5P
[Old version datasheet]   CMOS 8-BIT ADDRESSABLE LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com