Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX55C9V1RL Fiches technique(PDF) 11 Page - Motorola, Inc

No de pièce BZX55C9V1RL
Description  500 mW DO-35 Glass Zener Voltage Regulator Diodes
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BZX55C9V1RL Fiches technique(HTML) 11 Page - Motorola, Inc

Back Button BZX55C9V1RL Datasheet HTML 7Page - Motorola, Inc BZX55C9V1RL Datasheet HTML 8Page - Motorola, Inc BZX55C9V1RL Datasheet HTML 9Page - Motorola, Inc BZX55C9V1RL Datasheet HTML 10Page - Motorola, Inc BZX55C9V1RL Datasheet HTML 11Page - Motorola, Inc BZX55C9V1RL Datasheet HTML 12Page - Motorola, Inc BZX55C9V1RL Datasheet HTML 13Page - Motorola, Inc BZX55C9V1RL Datasheet HTML 14Page - Motorola, Inc BZX55C9V1RL Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
GENERAL DATA — 500 mW DO-35 GLASS
Motorola TVS/Zener Device Data
6-107
500 mW DO-35 Glass Data Sheet
ELECTRICAL CHARACTERISTICS — continued (TA = 25°C unless otherwise noted. Based on dc measurements at thermal equi-
librium; lead length = 3/8
″; thermal resistance of heat sink = 30°C/W) VF = 1.1 Max @ IF = 200 mA for all types.
JEDEC
Nominal
Zener Voltage
VZ @IZT
Test
Current
Max Zener Impedance
(Note 4)
Max Reverse
Leakage Current
Max Zener Voltage
Temperature Coeff
JEDEC
Type No.
(Note 1)
VZ @ IZT
Volts
(Note 3)
Current
IZT
mA
ZZT @IZT
Ohms
ZZK @IZK = 0.25 mA
Ohms
IR
µA
VR
Volts
Temperature Coeff.
θVZ (%/°C)
(Note 2)
1N5266B
68
1.8
230
1600
0.1
52
+0.097
1N5267B
75
1.7
270
1700
0.1
56
+0.098
1N5268B
82
1.5
330
2000
0.1
62
+0.098
1N5269B
87
1.4
370
2200
0.1
68
+0.099
1N5270B
91
1.4
400
2300
0.1
69
+0.099
1N5271B
100
1.3
500
2600
0.1
76
+0.11
1N5272B
110
1.1
750
3000
0.1
84
+0.11
1N5273B
120
1
900
4000
0.1
91
+0.11
1N5274B
130
0.95
1100
4500
0.1
99
+0.11
1N5275B
140
0.9
1300
4500
0.1
106
+0.11
1N5276B
150
0.85
1500
5000
0.1
114
+0.11
1N5277B
160
0.8
1700
5500
0.1
122
+0.11
1N5278B
170
0.74
1900
5500
0.1
129
+0.11
1N5279B
180
0.68
2200
6000
0.1
137
+0.11
1N5280B
190
0.66
2400
6500
0.1
144
+0.11
1N5281B
200
0.65
2500
7000
0.1
152
+0.11
NOTE 1. TOLERANCE
The JEDEC type numbers shown indicate a tolerance of
±5%. For tighter tolerance devices
use suffixes “C” for
±2% and “D” for ±1%.
NOTE 2. TEMPERATURE COEFFICIENT (
θVZ)
Test conditions for temperature coefficient are as follows:
a. IZT = 7.5 mA, T1 = 25°C,
a. T2 = 125°C (1N5221B through 1N5242B).
b. IZT = Rated IZT, T1 = 25°C,
a. T2 = 125°C (1N5243B through 1N5281B).
Device to be temperature stabilized with current applied prior to reading breakdown voltage
at the specified ambient temperature.
NOTE 3. ZENER VOLTAGE (VZ) MEASUREMENT
Nominal zener voltage is measured with the device junction in thermal equilibrium at the lead
temperature of 30
°C ±1°C and 3/8″ lead length.
NOTE 4. ZENER IMPEDANCE (ZZ) DERIVATION
ZZT and ZZK are measured by dividing the ac voltage drop across the device by the ac current
applied. The specified limits are for IZ(ac) = 0.1 IZ(dc) with the ac frequency = 60 Hz.
For more information on special selections contact your nearest Motorola representa-
tive.


Numéro de pièce similaire - BZX55C9V1RL

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BZX55C9V1RL ONSEMI-BZX55C9V1RL Datasheet
252Kb / 10P
   Hermetically Sealed Glass Zener Voltage Regulators
August, 2006 ??Rev. 1
More results

Description similaire - BZX55C9V1RL

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MZ4625 MOTOROLA-MZ4625 Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
1N4370A MOTOROLA-1N4370A Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
   500 mW , DO-35 Zener Diodes
logo
Microsemi Corporation
1N5518B MICROSEMI-1N5518B Datasheet
324Kb / 3P
   Low Voltage Avalanche 500 mW Zener Diodes DO-35
logo
Tak Cheong Electronics ...
TCZX2V0 TAK_CHEONG-TCZX2V0 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5985B TAK_CHEONG-TC1N5985B Datasheet
93Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC2V0 TAK_CHEONG-TC2V0 Datasheet
171Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX79C2V0 TAK_CHEONG-TCBZX79C2V0 Datasheet
180Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N957B TAK_CHEONG-1N957B_10 Datasheet
295Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com