Moteur de recherche de fiches techniques de composants électroniques |
|
BZX55C6V8RL Fiches technique(PDF) 10 Page - Motorola, Inc |
|
BZX55C6V8RL Fiches technique(HTML) 10 Page - Motorola, Inc |
10 / 42 page GENERAL DATA — 500 mW DO-35 GLASS Motorola TVS/Zener Device Data 6-106 500 mW DO-35 Glass Data Sheet ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted. Based on dc measurements at thermal equilibrium; lead length = 3/8 ″; thermal resistance of heat sink = 30°C/W) VF = 1.1 Max @ IF = 200 mA for all types. JEDEC Nominal Zener Voltage VZ @IZT Test Current Max Zener Impedance (Note 4) Max Reverse Leakage Current Max Zener Voltage Temperature Coeff JEDEC Type No. (Note 1) VZ @ IZT Volts (Note 3) Current IZT mA ZZT @IZT Ohms ZZK @IZK = 0.25 mA Ohms IR µA VR Volts Temperature Coeff. θVZ (%/°C) (Note 2) 1N5221B 2.4 20 30 1200 100 1 –0.085 1N5222B 2.5 20 30 1250 100 1 –0.085 1N5223B 2.7 20 30 1300 75 1 –0.08 1N5224B 2.8 20 30 1400 75 1 –0.08 1N5225B 3 20 29 1600 50 1 –0.075 1N5226B 3.3 20 28 1600 25 1 –0.07 1N5227B 3.6 20 24 1700 15 1 –0.065 1N5228B 3.9 20 23 1900 10 1 –0.06 1N5229B 4.3 20 22 2000 5 1 ±0.055 1N5230B 4.7 20 19 1900 5 2 ±0.03 1N5231B 5.1 20 17 1600 5 2 ±0.03 1N5232B 5.6 20 11 1600 5 3 +0.038 1N5233B 6 20 7 1600 5 3.5 +0.038 1N5234B 6.2 20 7 1000 5 4 +0.045 1N5235B 6.8 20 5 750 3 5 +0.05 1N5236B 7.5 20 6 500 3 6 +0.058 1N5237B 8.2 20 8 500 3 6.5 +0.062 1N5238B 8.7 20 8 600 3 6.5 +0.065 1N5239B 9.1 20 10 600 3 7 +0.068 1N5240B 10 20 17 600 3 8 +0.075 1N5241B 11 20 22 600 2 8.4 +0.076 1N5242B 12 20 30 600 1 9.1 +0.077 1N5243B 13 9.5 13 600 0.5 9.9 +0.079 1N5244B 14 9 15 600 0.1 10 +0.082 1N5245B 15 8.5 16 600 0.1 11 +0.082 1N5246B 16 7.8 17 600 0.1 12 +0.083 1N5247B 17 7.4 19 600 0.1 13 +0.084 1N5248B 18 7 21 600 0.1 14 +0.085 1N5249B 19 6.6 23 600 0.1 14 +0.086 1N5250B 20 6.2 25 600 0.1 15 +0.086 1N5251B 22 5.6 29 600 0.1 17 +0.087 1N5252B 24 5.2 33 600 0.1 18 +0.088 1N5253B 25 5 35 600 0.1 19 +0.089 1N5254B 27 4.6 41 600 0.1 21 +0.09 1N5255B 28 4.5 44 600 0.1 21 +0.091 1N5256B 30 4.2 49 600 0.1 23 +0.091 1N5257B 33 3.8 58 700 0.1 25 +0.092 1N5258B 36 3.4 70 700 0.1 27 +0.093 1N5259B 39 3.2 80 800 0.1 30 +0.094 1N5260B 43 3 93 900 0.1 33 +0.095 1N5261B 47 2.7 105 1000 0.1 36 +0.095 1N5262B 51 2.5 125 1100 0.1 39 +0.096 1N5263B 56 2.2 150 1300 0.1 43 +0.096 1N5264B 60 2.1 170 1400 0.1 46 +0.097 1N5265B 62 2 185 1400 0.1 47 +0.097 (continued) |
Numéro de pièce similaire - BZX55C6V8RL |
|
Description similaire - BZX55C6V8RL |