Moteur de recherche de fiches techniques de composants électroniques |
|
BZX55C6V2RL Fiches technique(PDF) 9 Page - Motorola, Inc |
|
BZX55C6V2RL Fiches technique(HTML) 9 Page - Motorola, Inc |
9 / 42 page GENERAL DATA — 500 mW DO-35 GLASS Motorola TVS/Zener Device Data 6-105 500 mW DO-35 Glass Data Sheet Low level oxide passivated zener diodes for applications re- quiring extremely low operating currents, low leakage, and sharp breakdown voltage. • Zener Voltage Specified @ IZT = 50 µA • Maximum Delta VZ Given from 10 to 100 µA ELECTRICAL CHARACTERISTICS (TA = 25°C, VF = 1.5 V Max at IF = 100 mA for all types) Type Number Zener Voltage VZ @ IZT = 50 µA Volts Maximum Reverse Current IR µA Test Voltage VR Volts Maximum Zener Current IZM mA Maximum Voltage Change ∆VZ Volts Number (Note 1) Nom (Note 1) Min Max (Note 3) IZM mA (Note 2) ∆VZ Volts (Note 4) 1N4678 1.8 1.71 1.89 7.5 1 120 0.7 1N4679 2 1.9 2.1 5 1 110 0.7 1N4680 2.2 2.09 2.31 4 1 100 0.75 1N4681 2.4 2.28 2.52 2 1 95 0.8 1N4682 2.7 2.565 2.835 1 1 90 0.85 1N4683 3 2.85 3.15 0.8 1 85 0.9 1N4684 3.3 3.135 3.465 7.5 1.5 80 0.95 1N4685 3.6 3.42 3.78 7.5 2 75 0.95 1N4686 3.9 3.705 4.095 5 2 70 0.97 1N4687 4.3 4.085 4.515 4 2 65 0.99 1N4688 4.7 4.465 4.935 10 3 60 0.99 1N4689 5.1 4.845 5.355 10 3 55 0.97 1N4690 5.6 5.32 5.88 10 4 50 0.96 1N4691 6.2 5.89 6.51 10 5 45 0.95 1N4692 6.8 6.46 7.14 10 5.1 35 0.9 1N4693 7.5 7.125 7.875 10 5.7 31.8 0.75 1N4694 8.2 7.79 8.61 1 6.2 29 0.5 1N4695 8.7 8.265 9.135 1 6.6 27.4 0.1 1N4696 9.1 8.645 9.555 1 6.9 26.2 0.08 1N4697 10 9.5 10.5 1 7.6 24.8 0.1 1N4698 11 10.45 11.55 0.05 8.4 21.6 0.11 1N4699 12 11.4 12.6 0.05 9.1 20.4 0.12 1N4700 13 12.35 13.65 0.05 9.8 19 0.13 1N4701 14 13.3 14.7 0.05 10.6 17.5 0.14 1N4702 15 14.25 15.75 0.05 11.4 16.3 0.15 1N4703 16 15.2 16.8 0.05 12.1 15.4 0.16 1N4704 17 16.15 17.85 0.05 12.9 14.5 0.17 1N4705 18 17.1 18.9 0.05 13.6 13.2 0.18 1N4706 19 18.05 19.95 0.05 14.4 12.5 0.19 1N4707 20 19 21 0.01 15.2 11.9 0.2 1N4708 22 20.9 23.1 0.01 16.7 10.8 0.22 1N4709 24 22.8 25.2 0.01 18.2 9.9 0.24 1N4710 25 23.75 26.25 0.01 19 9.5 0.25 1N4711 27 25.65 28.35 0.01 20.4 8.8 0.27 1N4712 28 26.6 29.4 0.01 21.2 8.5 0.28 1N4713 30 28.5 31.5 0.01 22.8 7.9 0.3 1N4714 33 31.35 34.65 0.01 25 7.2 0.33 1N4715 36 34.2 37.8 0.01 27.3 6.6 0.36 1N4716 39 37.05 40.95 0.01 29.6 6.1 0.39 1N4717 43 40.85 45.15 0.01 32.6 5.5 0.43 NOTE 1. TOLERANCE AND VOLTAGE DESIGNATION (VZ) The type numbers shown have a standard tolerance of ±5% on the nominal Zener voltage, C for ±2%, D for ±1%. NOTE 2. MAXIMUM ZENER CURRENT RATINGS (IZM) Maximum Zener current ratings are based on maximum Zener voltage of the individual units and JEDEC 250 mW rating. NOTE 3. REVERSE LEAKAGE CURRENT (IR) Reverse leakage currents are guaranteed and measured at VR as shown on the table. NOTE 4. MAXIMUM VOLTAGE CHANGE ( ∆VZ) Voltage change is equal to the difference between VZ at 100 µA and VZ at 10 µA. NOTE 5. ZENER VOLTAGE (VZ) MEASUREMENT Nominal Zener voltage is measured with the device junction in thermal equilibrium at the lead temperature at 30 °C ±1°C and 3/8″ lead length. |
Numéro de pièce similaire - BZX55C6V2RL |
|
Description similaire - BZX55C6V2RL |