Moteur de recherche de fiches techniques de composants électroniques |
|
BZX55C6V2RL Fiches technique(PDF) 8 Page - Motorola, Inc |
|
BZX55C6V2RL Fiches technique(HTML) 8 Page - Motorola, Inc |
8 / 42 page GENERAL DATA — 500 mW DO-35 GLASS Motorola TVS/Zener Device Data 6-104 500 mW DO-35 Glass Data Sheet Type Nominal Zener Voltage VZ Test Current Maximum Zener Impedance (Note 3) Maximum DC Zener Current IZM Maximum Reverse Leakage Current Type Number (Note 1) VZ (Note 2) Volts Current IZT mA ZZT @ IZT Ohms ZZK @ IZK Ohms IZK mA IZM (Note 4) mA IR Maximum µA Test Voltage Vdc VR 1N981B 68 1.8 230 2000 0.25 4.5 5 51.7 1N982B 75 1.7 270 2000 0.25 4.1 5 56 1N983B 82 1.5 330 3000 0.25 3.7 5 62.2 1N984B 91 1.4 400 3000 0.25 3.3 5 69.2 1N985B 100 1.3 500 3000 0.25 3 5 76 1N986B 110 1.1 750 4000 0.25 2.7 5 83.6 1N987B 120 1 900 4500 0.25 2.5 5 91.2 1N988B 130 0.95 1100 5000 0.25 2.3 5 98.8 1N989B 150 0.85 1500 6000 0.25 2 5 114 1N990B 160 0.8 1700 6500 0.25 1.9 5 121.6 1N991B 180 0.68 2200 7100 0.25 1.7 5 136.8 1N992B 200 0.65 2500 8000 0.25 1.5 5 152 NOTE 1. TOLERANCE AND VOLTAGE DESIGNATION Tolerance Designation The type numbers shown have tolerance designations as follows: 1N4370A series: ±5% units, C for ±2%, D for ±1%. 1N746A series: ±5% units, C for ±2%, D for ±1%. 1N957B series: ±5% units, C for ±2%, D for ±1%. NOTE 2. ZENER VOLTAGE (VZ) MEASUREMENT Nominal zener voltage is measured with the device junction in thermal equilibrium at the lead temperature of 30 °C ±1°C and 3/8″ lead length. NOTE 3. ZENER IMPEDANCE (ZZ) DERIVATION ZZT and ZZK are measured by dividing the ac voltage drop across the device by the ac current applied. The specified limits are for IZ(ac) = 0.1 IZ(dc) with the ac frequency = 60 Hz. NOTE 4. MAXIMUM ZENER CURRENT RATINGS (IZM) Values shown are based on the JEDEC rating of 400 mW. Where the actual zener voltage (VZ) is known at the operating point, the maximum zener current may be increased and is limited by the derating curve. |
Numéro de pièce similaire - BZX55C6V2RL |
|
Description similaire - BZX55C6V2RL |